Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1490 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1490
Description  Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1490 Datasheet HTML 3Page - Linear Technology LT1490 Datasheet HTML 4Page - Linear Technology LT1490 Datasheet HTML 5Page - Linear Technology LT1490 Datasheet HTML 6Page - Linear Technology LT1490 Datasheet HTML 7Page - Linear Technology LT1490 Datasheet HTML 8Page - Linear Technology LT1490 Datasheet HTML 9Page - Linear Technology LT1490 Datasheet HTML 10Page - Linear Technology LT1490 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1490/LT1491
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain
Large-Signal Response
Small-Signal Response
OUTPUT VOLTAGE (5V/DIV)
–10V
0V
10V
1490/91 G25
VS = ±15V
1490/91 G26
1490/91 G27
RL = 2k
RL = 50k
Undistorted Output Swing
vs Frequency
Settling Time to 0.1%
vs Output Step
Capacitive Load Handling,
Overshoot vs Capacitive Load
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Load Resistance
FREQUENCY (kHz)
0.1
20
25
30
35
1
10
100
1490/91 G19
15
10
5
0
DISTORTION
≤1%
VS = ±15V
VS = ±2.5V
SETTLING TIME (
µs)
0
–10
–8
–4
–2
0
10
4
40
80
100
1490/91 F20
–6
6
8
2
20
60
120 140
160
VS = ±15V
AV = –1
AV = –1
AV = 1
AV = 1
FREQUENCY (kHz)
0.01
0.1
1
10
0.01
1
10
1490/91 G22
0.001
0.1
VS = 3V, 0V
VOUT = 2VP-P
VCM = 1.2V
RL = 50k
AV = –1
AV = 1
LOAD RESISTANCE TO GROUND (k
Ω)
0.01
0.1
1
10
0.1
10
100
1490/91 G23
0.001
1
VS = 3V TOTAL
AV = 1
VIN = 2VP-P AT 1kHz
VS = ±1.5V
VIN = ±1V
VS = 3V, 0V
VIN = 0.5V TO 2.5V
VS = 3V, 0V
VIN = 0.2V TO 2.2V
OUTPUT VOLTAGE (VP-P)
0.01
1
10
02
3
1490/91 G24
0.001
1
0.1
RL = 10k
VCM = HALF SUPPLY
f = 1kHz
AV = 1
VS = 3V, 0V
AV = –1
VS = 3V, 0V
AV = –1
VS = ±1.5V
AV = 1
VS = ±1.5V
Total Harmonic Distortion + Noise
vs Output Voltage
RL = 10k
VS = ±15V
AV = –1
VS = ±15V
AV = 1
CAPACITIVE LOAD (pF)
20
40
60
50
80
100
10
30
70
90
10
100
1000
10000
1490/91 G21
0
VS = 5V, 0V
ISOURCE = 170µA
AV = 1 AV = 2
AV = 5
AV = 10


Similar Part No. - LT1490

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1490 LINEAR_DIMENSIONS-LT1490 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1490 LINER-LT1490 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
More results

Similar Description - LT1490

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1491 LINER-LT1491_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com