Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1854 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1854
Description  8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1854 Datasheet(HTML) 4 Page - Linear Technology

  LTC1854_15 Datasheet HTML 1Page - Linear Technology LTC1854_15 Datasheet HTML 2Page - Linear Technology LTC1854_15 Datasheet HTML 3Page - Linear Technology LTC1854_15 Datasheet HTML 4Page - Linear Technology LTC1854_15 Datasheet HTML 5Page - Linear Technology LTC1854_15 Datasheet HTML 6Page - Linear Technology LTC1854_15 Datasheet HTML 7Page - Linear Technology LTC1854_15 Datasheet HTML 8Page - Linear Technology LTC1854_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1854/LTC1855/LTC1856
4
185456fa
inTernal reFerence characTerisTics The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
l
2.475
2.50
2.525
V
VREF Output Temperature Coefficient
IOUT = 0
±10
ppm/°C
VREF Output Impedance
–0.1mA ≤ IOUT ≤ 0.1mA
8
VREFCOMP Output Voltage
IOUT = 0
4.096
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
l
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
l
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
l
±10
µA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = –10µA, OVDD = VDD
VDD = 4.75V, IO = –200µA, OVDD = VDD
l
4
4.74
V
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160µA, OVDD = VDD
VDD = 4.75V, IO = 1.6mA, OVDD = VDD
l
0.05
0.10
0.4
V
V
IOZ
Hi-Z Output Leakage
VOUT = 0V to VDD, RD = High
l
±10
µA
COZ
Hi-Z Output Capacitance
RD = High
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
DigiTal inpuTs anD DigiTal ouTpuTs The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
power requiremenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Positive Supply Voltage
(Notes 9 and 10)
4.75
5.00
5.25
V
Positive Supply Current
Nap Mode
Sleep Mode
CONVST = 0V or 5V
l
8.0
5.5
8.0
12
7
13
mA
mA
µA
Power Dissipation
Nap Mode
Sleep Mode
CONVST = 0V or 5V
40.0
27.5
40.0
mW
mW
µW


Similar Part No. - LTC1854_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854CG LINER-LTC1854CG Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854CG-PBF LINER-LTC1854CG-PBF Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854CG-TR LINER-LTC1854CG-TR Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854CG-TRPBF LINER-LTC1854CG-TRPBF Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854IG LINER-LTC1854IG Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results

Similar Description - LTC1854_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com