Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1602PT Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SF1602PT
Description  16.0AMPS. Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF1602PT Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF1602PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1602PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF1602PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO-3P
Dimensions
Min
Max
Min
Max
A
15.90
16.40
0.626
0.646
B
7.90
8.20
0.311
0.323
C
5.70
6.20
0.224
0.244
D
20.80
21.30
0.819
0.839
E
3.50
4.10
0.138
0.161
F
19.70
20.20
0.776
0.795
G
-
4.30
-
0.169
H
2.90
3.40
0.114
0.134
I
1.93
2.18
0.076
0.086
J
2.97
3.22
0.117
0.127
K
1.12
1.22
0.044
0.048
L
5.20
5.70
0.205
0.224
M
4.90
5.16
0.193
0.203
N
2.70
3.00
0.106
0.118
O
0.51
0.76
0.020
0.030
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Version:E13
Ordering information
Part No.
Package
BULK Packing
Packing code
(Green)
Packing code
Unit(inch)
Marking Diagram
SP160xPT
30 / TUBE
Note: "x" is Device Code from "1" thru "8".
DIM.
Unit(mm)
C0G
C0


Similar Part No. - SF1602PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF1602PT WTE-SF1602PT Datasheet
45Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF1602PT TSC-SF1602PT Datasheet
347Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1602PT TSC-SF1602PT Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1602PT TSC-SF1602PT Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1602PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1601G TSC-SF1601G_11 Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_11 Datasheet
209Kb / 2P
   16.0AMPS Glass Passivated Super Fast Rectifier
SFF1601G TSC-SFF1601G_13 Datasheet
428Kb / 3P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1601G TSC-SFF1601G_11 Datasheet
187Kb / 2P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
HER1601G TSC-HER1601G_11 Datasheet
201Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_13 Datasheet
374Kb / 3P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_11 Datasheet
263Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com