Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-43CTQ080SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-43CTQ080SPBF
Description  Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-43CTQ080SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-43CTQ080SPBF Datasheet HTML 1Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 2Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 3Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 4Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 5Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 6Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 7Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 8Page - Vishay Siliconix VS-43CTQ080SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-43CTQ...SPbF, VS-43CTQ...-1PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 15-Mar-11
5
Document Number: 94224
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
080 = 80 V
100 = 100 V
2
-
Current rating (40 A)
3
-
Circuit configuration: C = Common cathode
4
-
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
-
PbF = Lead (Pb)-free
9
1
-
Vishay Semiconductors product
Device code
5
1
3
2
4
6
7
8
9
VS-
43
C
T
Q
100
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95065


Similar Part No. - VS-43CTQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-43CTQ080S-M3 VISHAY-VS-43CTQ080S-M3 Datasheet
777Kb / 8P
   High Performance Schottky Rectifier, 2 x 20 A
Revision: 28-Feb-14
VS-43CTQ080SHM3 VISHAY-VS-43CTQ080SHM3 Datasheet
210Kb / 8P
   High Performance Schottky Rectifier, 2 x 20 A
Revision: 06-Mar-14
VS-43CTQ080STRL-M3 VISHAY-VS-43CTQ080STRL-M3 Datasheet
777Kb / 8P
   High Performance Schottky Rectifier, 2 x 20 A
Revision: 28-Feb-14
VS-43CTQ080STRLHM3 VISHAY-VS-43CTQ080STRLHM3 Datasheet
210Kb / 8P
   High Performance Schottky Rectifier, 2 x 20 A
Revision: 06-Mar-14
VS-43CTQ080STRR-M3 VISHAY-VS-43CTQ080STRR-M3 Datasheet
777Kb / 8P
   High Performance Schottky Rectifier, 2 x 20 A
Revision: 28-Feb-14
More results

Similar Description - VS-43CTQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com