Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI40100C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VI40100C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VI40100C Datasheet(HTML) 3 Page - Vishay Siliconix

  VI40100C Datasheet HTML 1Page - Vishay Siliconix VI40100C Datasheet HTML 2Page - Vishay Siliconix VI40100C Datasheet HTML 3Page - Vishay Siliconix VI40100C Datasheet HTML 4Page - Vishay Siliconix VI40100C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
V40100C, VI40100C
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
3
Document Number: 89162
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.6
0.8
1
100
10
1
0.1
T
A = 25 °C
T
A = 125 °C
T
A = 150 °C
T
A = 100 °C
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
110
100
0.1
Reverse Voltage (V)
10 000
1000
100
10
1
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case


Similar Part No. - VI40100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VI40100C VISHAY-VI40100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 26-May-08
VI40100C VISHAY-VI40100C Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VI40100C VISHAY-VI40100C Datasheet
131Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 16-Aug-13
VI40100C-E3 VISHAY-VI40100C-E3 Datasheet
160Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Nov-14
VI40100C-E3 VISHAY-VI40100C-E3 Datasheet
155Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Nov-14
More results

Similar Description - VI40100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40100C VISHAY-V40100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 26-May-08
VT3060C-E3 VISHAY-VT3060C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 15-Dec-16
VB40100C-M3 VISHAY-VB40100C-M3 Datasheet
91Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 03-Jan-17
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com