Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V12PM12HM3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V12PM12HM3
Description  Trench MOS Barrier Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V12PM12HM3 Datasheet(HTML) 3 Page - Vishay Siliconix

  V12PM12HM3 Datasheet HTML 1Page - Vishay Siliconix V12PM12HM3 Datasheet HTML 2Page - Vishay Siliconix V12PM12HM3 Datasheet HTML 3Page - Vishay Siliconix V12PM12HM3 Datasheet HTML 4Page - Vishay Siliconix V12PM12HM3 Datasheet HTML 5Page - Vishay Siliconix V12PM12HM3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V12PM12-M3, V12PM12HM3
www.vishay.com
Vishay General Semiconductor
Revision: 09-Dec-13
3
Document Number: 89938
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0.1
1
10
100
Instantaneous Forward Voltage (V)
TA = 150°C
TA = 25°C
TA = 100°C
TA = 125°C
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TA = 150 °C
TA = 125 °C
TA = 100 °C
TA = 25 °C
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Ambient


Similar Part No. - V12PM12HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V12PM12 VISHAY-V12PM12 Datasheet
113Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V12PM12 VISHAY-V12PM12_15 Datasheet
91Kb / 5P
   High Current Density Surface MountTrench MOS Barrier Schottky Rectifier
Revision: 14-Apr-15
V12PM12 VISHAY-V12PM12_V01 Datasheet
113Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V12PM12HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com