Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1563-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1563-2
Description  Active RC, 4th Order Lowpass Filter Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC1563-2_15 Datasheet HTML 1Page - Linear Technology LTC1563-2_15 Datasheet HTML 2Page - Linear Technology LTC1563-2_15 Datasheet HTML 3Page - Linear Technology LTC1563-2_15 Datasheet HTML 4Page - Linear Technology LTC1563-2_15 Datasheet HTML 5Page - Linear Technology LTC1563-2_15 Datasheet HTML 6Page - Linear Technology LTC1563-2_15 Datasheet HTML 7Page - Linear Technology LTC1563-2_15 Datasheet HTML 8Page - Linear Technology LTC1563-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1563-2/LTC1563-3
156323fa
Extremely Easy to Use—A Single Resistor Value
Sets the Cutoff Frequency (256Hz < fC < 256kHz)
Extremely Flexible—Different Resistor Values
Allow Arbitrary Transfer Functions with or without
Gain (256Hz < fC < 256kHz)
Supports Cutoff Frequencies Up to 360kHz Using
FilterCAD
TM
LTC1563-2: Unity-Gain Butterworth Response Uses a
Single Resistor Value, Different Resistor Values
Allow Other Responses with or without Gain
LTC1563-3: Unity-Gain Bessel Response Uses a
Single Resistor Value, Different Resistor Values
Allow Other Responses with or without Gain
Rail-to-Rail Input and Output Voltages
Operates from a Single 3V (2.7V Min) to
±5V Supply
Low Noise: 36
µVRMS for fC = 25.6kHz, 60µVRMS for
fC = 256kHz
fC Accuracy < ±2% (Typ)
DC Offset < 1mV
Cascadable to Form 8th Order Lowpass Filters
Available in Narrow SSOP-16 Package
The LTC
®1563-2/LTC1563-3 are a family of extremely
easy-to-use, active RC lowpass filters with rail-to-rail
inputs and outputs and low DC offset suitable for systems
with a resolution of up to 16 bits. The LTC1563-2, with a
single resistor value, gives a unity-gain Butterworth
response. The LTC1563-3, with a single resistor value,
gives a unity-gain Bessel response. The proprietary
architecture of these parts allows for a simple resistor
calculation:
R = 10k (256kHz/fC); fC = Cutoff Frequency
where fC is the desired cutoff frequency. For many appli-
cations, this formula is all that is needed to design a filter.
By simply utilizing different valued resistors, gain and
other responses are achieved.
The LTC1563-X features a low power mode, for the lower
frequency applications, where the supply current is re-
duced by an order of magnitude and a near zero power
shutdown mode.
The LTC1563-Xs are available in the narrow SSOP-16
package (Same footprint as an SO-8 package).
Discrete RC Active Filter Replacement
Antialiasing Filters
Smoothing or Reconstruction Filters
Linear Phase Filtering for Data Communication
Phase Locked Loops
Single 3.3V, 256Hz to 256kHz Butterworth Lowpass Filter
Active RC, 4th Order
Lowpass Filter Family
, LTC and LT are registered trademarks of Linear Technology Corporation.
0.1
µF
3.3V
VOUT
VIN
R
R
R
R
R
R
fC = 256kHz
1563 TA01
LTC1563-2
0.1
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LP
SA
NC
INVA
NC
LPA
AGND
V
V+
LPB
NC
INVB
NC
SB
NC
EN
10k
R
()
FREQUENCY (Hz)
10k
1k
100
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1563 TA02
R = 10M
fC = 256Hz
R = 10k
fC = 256kHz
Frequency Response
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
FilterCAD is trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1563-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
More results

Similar Description - LTC1563-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
   Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
   Active Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com