Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1407A-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1407A-1
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407A-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1407A-1_15 Datasheet HTML 5Page - Linear Technology LTC1407A-1_15 Datasheet HTML 6Page - Linear Technology LTC1407A-1_15 Datasheet HTML 7Page - Linear Technology LTC1407A-1_15 Datasheet HTML 8Page - Linear Technology LTC1407A-1_15 Datasheet HTML 9Page - Linear Technology LTC1407A-1_15 Datasheet HTML 10Page - Linear Technology LTC1407A-1_15 Datasheet HTML 11Page - Linear Technology LTC1407A-1_15 Datasheet HTML 12Page - Linear Technology LTC1407A-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC1407-1/LTC1407A-1
9
14071fb
TYPICAL PERFORMANCE CHARACTERISTICS
CH0+ (Pin 1): Noninverting Channel 0. CH0+ operates
fully differentially with respect to CH0, with a –1.25V to
1.25V differential swing with respect to CH0and a 0 to
VDD absolute input range.
CH0(Pin 2):
Inverting Channel 0. CH0operates fully
differentially with respect to CH0+, with a 1.25V to –1.25V
differential swing with respect to CH0+ and a 0 to VDD
absolute input range.
VREF (Pin 3): 2.5V Internal Reference. Bypass to GND and
a solid analog ground plane with a 10μF ceramic capacitor
(or 10μF tantalum in parallel with 0.1μF ceramic). Can be
overdriven by an external reference voltage ≥ 2.55V and
≤VDD.
CH1+ (Pin 4):
Noninverting Channel 1. CH1+ operates
fully differentially with respect to CH1, with a –1.25V to
1.25V differential swing with respect to CH1and a 0 to
VDD absolute input range.
CH1(Pin 5):
Inverting Channel 1. CH1operates fully
differentially with respect to CH1+, with a 1.25V to –1.25V
differential swing with respect to CH1+ and a 0 to VDD
absolute input range.
GND (Pins 6, 11): Ground and Exposed Pad. This single
ground pin and the Exposed Pad must be tied directly to
the solid ground plane under the part. Keep in mind that
analog signal currents and digital output signal currents
flow through these connections.
VDD (Pin 7): 3V Positive Supply. This single power pin
supplies 3V to the entire chip. Bypass to GND pin and
solid analog ground plane with a 10μF ceramic capacitor
(or 10μF tantalum) in parallel with 0.1μF ceramic. Keep in
mind that internal analog currents and digital output signal
currents flow through this pin. Care should be taken to
place the 0.1μF bypass capacitor as close to Pins 6 and 7
as possible.
SDO (Pin 8): Three-State Serial Data Output. Each pair of
output data words represent the two analog input channels
at the start of the previous conversion. The output format
is 2’s complement.
SCK (Pin 9): External Clock Input. Advances the conver-
sion process and sequences the output data on the rising
edge. One or more pulses wake from sleep.
CONV (Pin 10): Convert Start. Holds the two analog input
signals and starts the conversion on the rising edge. Two
pulses with SCK in fixed high or fixed low state starts nap
mode. Four or more pulses with SCK in fixed high or fixed
low state starts sleep mode.
VDD = 3V, TA = 25°C (LTC1407-1/LTC1407A-1)
Reference Voltage vs VDD
Reference Voltage
vs Load Current
PIN FUNCTIONS
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
14071 G26
2.6
3.6
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
14071 G27
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900


Similar Part No. - LTC1407A-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407A-1 LINER-LTC1407A-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1407A-1 LINER-LTC1407A-1 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1407A-1 LINER-LTC1407A-1 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1407A-1 LINER-LTC1407A-1 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
More results

Similar Description - LTC1407A-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com