Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SD103AW
Description  Low VF SMD Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SD103AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103AW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SD103AW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SD103AW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
- Low power loss, high current capability, low VF
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOD-123 small outline plastic package
- Molding compound, UL flammability classification rating 94V-0
- Polarity: Indicated by cathode band
- Weight: 0.01 g (approximately)
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IO
mA
IFRM
A
RθJA
oC/W
TJ
oC
TSTG
oC
SYMBOL
Units
Junction Capacitance
CJ
pF
Document Number: DS_S1411004
Version: C14
SD103AW thru SD103CW
Taiwan Semiconductor
Low VF SMD Schottky Barrier Diode
FEATURES
SOD-123
MECHANICAL DATA
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guar
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SD103AW SD103BW SD103CW
50
30
20
Reverse Leakage Current
5
μA
Reverse Breakdown Voltage
PARAMETER
TYP
MAX
125
300
1.5
350
28
21
14
40
400
Mean Forward Current @ TL = 100°C
Reverse Voltage
Repetitive Peak Reverse Voltage
Power Dissipation
V
0.37
V
0.60
40
@ t ≦ 1.0 s
Storage Temperature Range
Junction Temperature
Thermal Resistance ( Junction to Ambient )
-65 to +125
-
-
20
30
V(BR)
VF
IR
VR = 0 , f = 1.0 MHz
SD103CW
VR = 10 V
SD103BW
VR = 20 V
SD103AW
VR = 30 V
IF = 200 mA
IF = 20 mA
Forward Voltage
-
--
-
Repetitive Peak Forward Surge Current
MIN
SD103CW
IR = 10 μA
SD103BW
IR = 10 μA
SD103AW
IR = 10 μA


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD103AW MCC-SD103AW Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
SD103AW SUNMATE-SD103AW Datasheet
995Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS_14 Datasheet
177Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com