Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 2 Page - Linear Technology

  LT6703HV-2_15 Datasheet HTML 1Page - Linear Technology LT6703HV-2_15 Datasheet HTML 2Page - Linear Technology LT6703HV-2_15 Datasheet HTML 3Page - Linear Technology LT6703HV-2_15 Datasheet HTML 4Page - Linear Technology LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
2
670323fd
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VS to GND) ..........................18.5V
Input Voltage (+IN, –IN)
(Note 3)....................................... 18.5V to (GND – 0.3V)
LT6703HV .................................. 40V to (GND – 0.3V)
Output Voltage (OUT).................. 18.5V to (GND – 0.3V)
LT6703HV .................................. 40V to (GND – 0.3V)
Output Short-Circuit Duration (Note 2) ............ Indefinite
Input Current (Note 3)..........................................–10mA
(Note 1)
TOP VIEW
DC PACKAGE
3-LEAD (2mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 4) IS GND, MUST BE SOLDERED TO PCB
4
3
2
1
TOP VIEW
DC PACKAGE
3-LEAD (2mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 4) IS GND, MUST BE SOLDERED TO PCB
4
3
2
1
OUT 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
–IN 3
5 NC
4 VS
TJMAX = 125°C, θJA = 250°C/W
OUT 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 NC
4 VS
TJMAX = 125°C, θJA = 250°C/W
Operating Temperature Range (Note 4)
LT6703C-2/-3/LT6703HVC-2/-3 ...........–40°C to 85°C
LT6703I-2/-3/LT6703HVI-2/-3 .............–40°C to 85°C
LT6703H-2/-3/LT6703HVH-2/-3 ........–40°C to 125°C
Specified Temperature Range (Note 5)
LT6703C-2/-3/LT6703HVC-2/-3 .............. 0°C to 70°C
LT6703I-2/-3/LT6703HVI-2/-3 .............–40°C to 85°C
LT6703H-2/-3/LT6703HVH-2/-3 ........–40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
PIN CONFIGURATION
LT6703-2
LT6703-3
LT6703HV-2
LT6703HV-3


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com