Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1432CN8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1432CN8
Description  5V High Efficiency Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CN8 Datasheet(HTML) 5 Page - Linear Technology

  LT1432CN8 Datasheet HTML 1Page - Linear Technology LT1432CN8 Datasheet HTML 2Page - Linear Technology LT1432CN8 Datasheet HTML 3Page - Linear Technology LT1432CN8 Datasheet HTML 4Page - Linear Technology LT1432CN8 Datasheet HTML 5Page - Linear Technology LT1432CN8 Datasheet HTML 6Page - Linear Technology LT1432CN8 Datasheet HTML 7Page - Linear Technology LT1432CN8 Datasheet HTML 8Page - Linear Technology LT1432CN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1432
Restart Load Current
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
No Load Battery Current in Burst
Mode
BATTERY VOLTAGE (V)
0
3
4
5
20
LT1432 G09
2
1
0
5
10
15
25
TJ = 25°C
JUNCTION TEMPERATURE (°C)
0
2000
3000
100
LT1432 G12
1000
40
25
50
75
4000
Gm =
∆I(VC PIN)
∆VOUT
Transconductance – VOUT to VC
Current
Line Regulation
Burst Mode Load Regulation
0
0
20
20
LT1432 G13
–20
–40
5
10
15
40
BURST MODE
NORMAL MODE
INPUT VOLTAGE (V)
TJ = 25°C
LOAD CURRENT (mA)
0
–25
0
80
–50
–75
20
40
60
100
25
LT1432 G14
TJ = 25°C
Mode Pin Current
JUNCTION TEMPERATURE (°C)
0
20
30
100
LT1432 G16
10
0
25
50
75
40
VOUT = 4.5V
Restart Time Delay
JUNCTION TEMPERATURE (°C)
0
2
3
100
LT1432 G16
1
0
25
50
75
4
Startup Switch Characteristics
BATTERY VOLTAGE (V)
0
1.0
1.5
20
LT1432 G10
0.5
0
5
10
15
25
2.0
* TO CALCULATE TOTAL BATTERY CURRENT IN BURST
MODE, MULTIPLY LOAD CURRENT BY INCREMENTAL
FACTOR AND ADD NO-LOAD CURRENT.
TJ = 25°C
Incremental Battery Current * in
Burst Mode
MODE PIN VOLTAGE (V)
0
20
40
60
8
LT1432 G15
0
–20
–40
2
4
6
10
MODE DRIVE MUST
SINK
≈ 30µA AT 0V
TJ = 25°C
V+ TO VIN VOLTAGE
–2
–20
0
5
20
LT1432 G18
–40
–60
–80
–1
0
10
30
TJ = 25°C
NOTE VERTICAL &
HORIZONTAL SCALE
CHANGES AT 0,0


Similar Part No. - LT1432CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432CN8-3.3 LINER-LT1432CN8-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
More results

Similar Description - LT1432CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com