Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1425 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1425
Description  Isolated Flyback Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1425 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1425 Datasheet HTML 6Page - Linear Technology LT1425 Datasheet HTML 7Page - Linear Technology LT1425 Datasheet HTML 8Page - Linear Technology LT1425 Datasheet HTML 9Page - Linear Technology LT1425 Datasheet HTML 10Page - Linear Technology LT1425 Datasheet HTML 11Page - Linear Technology LT1425 Datasheet HTML 12Page - Linear Technology LT1425 Datasheet HTML 13Page - Linear Technology LT1425 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1425
OPERATION
may be minimized by the use of the load compensation
function.
To implement the load compensation function, a voltage is
developed that is proportional to average output switch
current. This voltage is then impressed across the external
ROCOMP resistor and the resulting current is then sub-
tracted from the RFB node. As output loading increases,
average switch current increases to maintain rough output
voltage regulation. This causes an increase in ROCOMP
resistor current subtracted from the RFB node, through
which feedback loop action causes a corresponding
increase in target output voltage.
Assuming a relatively fixed power supply efficiency, Eff,
Power Out = (Eff)(Power In)
(VOUT)(IOUT) = (Eff)(VIN)(IIN)
Average primary side current may be expressed in terms
of output current as follows:
IIN =
IOUT
VOUT
(VIN)(Eff)
)
)
Combining the efficiency and voltage terms in a single
variable,
IIN = K1(IOUT)
where,
K1 =
VOUT
(VIN)(Eff)
)
)
Switch current is converted to voltage by a sense resistor
and amplified by the current sense amplifier with associ-
ated gain G. This voltage is then impressed across the
external ROCOMP resistor to form a current that is
subtracted from the RFB node. So the effective change in
VOUT target is:
∆VOUT = K1(∆IOUT)
RFB
(RSENSE)(G)
ROCOMP
)
)
Expressing the product of RSENSE and G as the data sheet
value of
∆VRCCOMP/∆ISW,
∆VRCCOMP
∆ISW
)
)
∆VRCCOMP
∆ISW
)
)
RFB
ROCOMP
)
)
ROUT = K1
and,
RFB
ROUT
)
)
ROCOMP = K1
∆VRCCOMP
∆ISW
)
)
= Data sheet value for RCCOMP pin
action vs switch current
where,
K1 = Dimensionless variable related to VIN,
VOUT and efficiency as above
RFB = External “feedback” resistor value
ROUT = Uncompensated output impedance
∆VRCCOMP
∆ISW
∆VOUT
∆IOUT
)
)
RFB
ROCOMP
)
)
= K1
Nominal output impedance cancellation is obtained by
equating this expression with ROUT. The practical aspects
of applying this equation to determine an appropriate
value for the ROCOMP resistor are found in the Applications
Information section.


Similar Part No. - LT1425

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
   Isolated Flyback Switching Regulator
More results

Similar Description - LT1425

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
   Isolated Flyback Switching Regulator
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
LT1424-9 LINER-LT1424-9_15 Datasheet
200Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
   Resonant Flyback Switching Regulator
logo
NTE Electronics
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
   Isolated Switching Regulator
REV. 0
logo
New Japan Radio
NJM2362 NJRC-NJM2362 Datasheet
317Kb / 9P
   CURRET MODE FLYBACK PWM SWITCHING REGULATOR
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com