Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA284FD Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA284FD
Description  SAW Filter 284 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA284FD Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA284FD Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA284FD Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA284FD Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA284FD Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA284FD Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 284 MHz
MODEL NO.: TA284FD
REV. NO.:3
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 10 V
3.Operating Temperature: -10
°C to +50°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Not
e
Center frequency
FC
(MHz)
284
1
I.L. (Within FC± 4 MHz)
(dB )
4.5 max.
Pass band BW4.5dB
(MHz)
8.0 min.
1
Ripple( Within FC ± 4MHz)
(dB )
2.0 max.
1
Attenuation:( Reference level from 0 dB)
(dB )
FC - 100MHz to -37.5MHz
(dB )
48 min.
1
FC +37.5MHz to + 100MHz
(dB )
48 min.
Impedance at FC ; Input
ZIN =RIN//CIN
150
Ω // 0 Pf
2
Output ZOUT =ROUT//COUT
150
Ω // 0 Pf
2
Note1. The standard definitions is in JIS C 6703
Note2.
Z
IN =1 5 0Ω // 0 p F
Z
OUT=150 Ω // 0 p F
Source im pedance
50
Load impedance
50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA284FD

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA284FD GOLLEDGE-TA284FD Datasheet
88Kb / 4P
   SAW Filter 284MHz
More results

Similar Description - TA284FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
   SAW Filter 284 MHz For Pager
TA280E1 TAI-SAW-TA280E1 Datasheet
127Kb / 5P
   SAW Filter 280, 281, 284 MHz For Pager
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com