Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR305S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MUR305S
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR305S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MUR305S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CREAT BY ART
- Glass passivated chip junction
- Ideal for automated placement
- Built-in strain relief
- Ultrafast recovery time for high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
400
600
V
VRMS
35
70
105
140
280
420
V
VDC
50
100
150
200
400
600
V
IF(AV)
A
Trr
ns
RθJL
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405070
Version: F14
MUR305S thru MUR360S
Taiwan Semiconductor
Surface Mount Ultrafast Power Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-214AB (SMC)
DO-214AB (SMC)
Polarity:
Indicated by cathode band
Weight:
0.21 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MUR
340S
MUR
360S
Unit
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
MUR
305S
MUR
310S
MUR
315S
MUR
320S
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
3
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
75
A
Maximum instantaneous forward voltage (Note 1)
IF= 3 A, 25℃
IF= 3 A, 150℃
VF
0.875
0.710
1.25
1.05
V
Typical thermal resistance
11
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=150 ℃
IR
μA
Maximum reverse recovery time (Note 2)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
5
150
10
250
25
50
Operating junction temperature range
- 55 to +175
Storage temperature range
- 55 to +175
Note 1: Pulse test with PW=300μs, 1% duty cycle


Similar Part No. - MUR305S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR305S TSC-MUR305S Datasheet
578Kb / 2P
   3.0 APMS. Surface mount Ultrafast Power Rectifiers
MUR305S TSC-MUR305S Datasheet
263Kb / 4P
   3.0 AMPS. Surface Mount Ultrafast Power Rectifiers
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
   3A, 50V - 600V Ultra Fast Surface Mount Rectifier
MUR305S TSC-MUR305S_13 Datasheet
263Kb / 4P
   3.0 AMPS. Surface Mount Ultrafast Power Rectifiers
More results

Similar Description - MUR305S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com