Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1353CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1353CS
Description  Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1353CS Datasheet HTML 3Page - Linear Technology LT1353CS Datasheet HTML 4Page - Linear Technology LT1353CS Datasheet HTML 5Page - Linear Technology LT1353CS Datasheet HTML 6Page - Linear Technology LT1353CS Datasheet HTML 7Page - Linear Technology LT1353CS Datasheet HTML 8Page - Linear Technology LT1353CS Datasheet HTML 9Page - Linear Technology LT1353CS Datasheet HTML 10Page - Linear Technology LT1353CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1352/LT1353
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
2.00
2.25
2.75
3.00
3.25
4.50
3.75
0
50
75
1352/53 G16
2.50
4.00
4.25
3.50
30
32
36
38
40
50
44
34
46
48
42
–25
25
100
125
VS = ±15V
VS = ±5V
VS = ±15V
VS = ±5V
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth and Phase Margin
vs Temperature
Frequency Response
vs Supply Voltage (AV = –1)
FREQUENCY (Hz)
10k
–1
0
1
2
3
100k
1M
10M
1352/53 G18
–2
–3
–4
–5
4
5
TA = 25°C
AV = –1
RF = RG = 5k
±15V
±5V
±2.5V
Frequency Response
vs Capacitive Load
FREQUENCY (Hz)
10k
–2
0
2
4
6
100k
1M
10M
1352/53 G15
–4
–6
–8
–10
8
10
TA = 25°C
VS = ±15V
AV = –1
RFB = RG = 5k
C = 500pF
C = 100pF
C = 5000pF
C = 1000pF
C = 10pF
Output Impedance vs Frequency
FREQUENCY (Hz)
0.1
1
10
100
1000
1k
100k
1M
10M
1352/53 G14
0.01
10k
TA = 25°C
VS = ±15V
AV = 100
AV = 10
AV = 1
Gain and Phase vs Frequency
FREQUENCY (Hz)
10
20
40
60
70
1k
100k
1M
100M
1352/53 G13
0
10k
10M
50
30
–10
0
20
60
100
120
–20
80
40
–40
PHASE
GAIN
VS = ±15V
TA = 25°C
AV = –1
RF = RG = 5k
VS = ±15V
VS = ±5V
VS = ±5V
FREQUENCY (Hz)
10k
–1
0
1
2
3
100k
1M
10M
1352/53 G17
–2
–3
–4
–5
4
5
TA = 25°C
AV = 1
RL = 5k
±15V
±5V
±2.5V
Frequency Response
vs Supply Voltage (AV = 1)
FREQUENCY (Hz)
10
0
20
40
60
80
120
100
1k
10k
100k
1352/53 G20
1M
10M
100
TA = 25°C
VS = ±15V
– PSRR = +PSRR
SUPPLY VOLTAGE (
±V)
0
2.00
2.25
2.75
3.00
4.50
3.75
10
20
1352/53 G19
2.50
4.00
4.25
3.50
3.25
30
32
36
38
50
44
34
46
48
42
40
5
15
TA = 25°C
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth and Phase Margin
vs Supply Voltage
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
100
0
20
40
60
80
100
120
1k
10k
100k
1M
1352/53 G21
10M
TA = 25°C
VS = ±15V


Similar Part No. - LT1353CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1353CS LINER-LT1353CS Datasheet
399Kb / 16P
   Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
More results

Similar Description - LT1353CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1351 LINER-LT1351 Datasheet
341Kb / 16P
   250uA, 3MHz, 200V/us Operational Amplifier
LT1352 LINER-LT1352_1 Datasheet
399Kb / 16P
   Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
LT1352 LINER-LT1352_15 Datasheet
404Kb / 16P
   Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1353 LINER-LT1353_15 Datasheet
404Kb / 16P
   Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Diodes Incorporated
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1351 LINER-LT1351_15 Datasheet
310Kb / 16P
   250A, 3MHz, 200V/s Operational Amplifier
LT1815 LINER-LT1815 Datasheet
366Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com