Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63800-8300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63800-8300
Description  FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63800-8300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63800-8300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63902-5500
Status:
Active
Description:
FineAdjust™ Applicator for 1.25mm (.049") / 2.00mm (.078") Wire-to-Board Crimp
Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
884982737754
Physical
Net Weight
4980.614/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639025500, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63800-8300 MOLEX-63800-8300 Datasheet
74Kb / 1P
   TM-2000 Universal Press
63800-8300 MOLEX11-63800-8300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63800-8300 MOLEX11-63800-8300 Datasheet
32Kb / 1P
   FineAdjust Applicator for .070 Female Crimp Terminal
63800-8300 MOLEX11-63800-8300 Datasheet
39Kb / 1P
   FineAdjust Applicator for Male and Female Terminals, 14-16 AWG Wire
63800-8300 MOLEX11-63800-8300 Datasheet
39Kb / 1P
   FineAdjust Applicator for MX64 ISO Terminal
More results

Similar Description - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639025500 MOLEX-0639025500 Datasheet
43Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
11/02/2021
0638252500 MOLEX11-0638252500 Datasheet
32Kb / 1P
   Hand Crimp Tool for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
ATS-638252500 MOLEX-ATS-638252500 Datasheet
586Kb / 7P
   Hand Crimp Tool for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal.
04-19-12
63825-2500 MOLEX-63825-2500 Datasheet
586Kb / 7P
   Hand Crimp Tool for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal.
04-19-12
0639031800 MOLEX-0639031800 Datasheet
32Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) Wire to Wire Crimp Terminal, 26-30 AWG
08/25/2022
ATS-638253300 MOLEX-ATS-638253300 Datasheet
515Kb / 5P
   Hand Crimp Tool 1.25mm (.049?? / 2.00 (.078?? Wire-to-Board Crimp Terminal
06-25-12
0638253300 MOLEX-0638253300 Datasheet
22Kb / 1P
   Hand Crimp Tool 1.25mm (.049”) / 2.00 (.078”) Wire-to-Board Crimp Terminal
08/26/2022
63902-0900 MOLEX11-63902-0900 Datasheet
48Kb / 1P
   FineAdjust Applicator for 2.00mm (.079) Grid Wire-to-Board Crimp Terminal
63903-1800 MOLEX11-63903-1800 Datasheet
48Kb / 1P
   FineAdjust Applicator for 1.25mm Wire-to-Board Crimp Terminals
0639020900 MOLEX-0639020900 Datasheet
45Kb / 2P
   FineAdjust Applicator for 2.00mm (.079) Grid Wire-to-Board Crimp Terminal
11/02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com