Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS20100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS20100CT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS20100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS20100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.99
0.87
1.23
1.10
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: D1307008
Version: J13
- 55 to +150
0.1
15
10
5
A
0.65
V
0.85
A
150
SYMBOL
MBRS
20100
CT
Unit
MBRS
20150
CT
MBRS
2050
CT
Case:
TO-263AB (D
2PAK)
MBRS
2035
CT
MBRS
2060
CT
MBRS
2090
CT
Polarity:
As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MBRS
2045
CT
PARAMETER
Weight:
1.37 g (approximately)
MBRS2035CT thru MBRS20150CT
Dual Common Cathode Schottky Rectifier
Taiwan Semiconductor
MECHANICAL DATA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Moisture sensitivity level: level 1, per J-STD-020
TO-263AB (D
2PAK)
FEATURES
Note 2: Pulse test with PW=300μs, 1% duty cycle
Operating junction temperature range
Storage temperature range
mA
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IFRM
20
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Voltage rate of change (Rated VR)
0.75
Maximum average forward rectified current
20
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
Peak repetitive reverse surge current (Note 1)
1
0.5
0.80
0.85
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
0.57
0.70
Maximum instantaneous forward voltage (Note 2)
IF=10A, TJ=25℃
IF=10A, TJ=125℃
IF=20A, TJ=25℃
IF=20A, TJ=125℃
IFSM
VF
0.84
Typical thermal resistance
IR
10000
0.72
0.85
0.95
0.95
1.5
2


Similar Part No. - MBRS20100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS20100CT TSC-MBRS20100CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS20100CT TSC-MBRS20100CT Datasheet
168Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20100CT TSC-MBRS20100CT Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBRS20100CT HORNBY-MBRS20100CT Datasheet
260Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
MBRS20100CT THINKISEMI-MBRS20100CT Datasheet
777Kb / 2P
   20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
More results

Similar Description - MBRS20100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com