Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF7H35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF7H35
Description  Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF7H35 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF7H35 Datasheet HTML 1Page - Vishay Siliconix MBRF7H35 Datasheet HTML 2Page - Vishay Siliconix MBRF7H35 Datasheet HTML 3Page - Vishay Siliconix MBRF7H35 Datasheet HTML 4Page - Vishay Siliconix MBRF7H35 Datasheet HTML 5Page - Vishay Siliconix MBRF7H35 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR(F,B)7H35 thru MBR(F,B)7H60
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jun-12
2
Document Number: 88796
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MBR7H35
MBR7H45
MBR7H50
MBR7H60
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage
VF (1)
IF = 7.5 A
TC = 25 °C
-
0.63
-
0.73
V
IF = 7.5 A
TC = 125 °C
0.50
0.55
0.58
0.61
IF = 15 A
TC = 25 °C
-
0.75
-
0.87
IF = 15 A
TC = 125 °C
0.61
0.66
0.68
0.72
Maximum reverse current
IR (2)
Rated VR
TC = 25 °C
-
50
-
50
μA
TC = 125 °C
3.0
10
2.0
10
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance, junction to case
RJC
3.0
5.0
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR7H45-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF7H45-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB7H45-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB7H45-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
MBR7H45HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF7H45HE3/45 1)
1.94
45
50/tube
Tube
TO-263AB
MBRB7H45HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB7H45HE3/81 (1)
1.33
81
800/reel
Tape and reel


Similar Part No. - MBRF7H35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF7H35 VISHAY-MBRF7H35 Datasheet
147Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - MBRF7H35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com