Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS1560CT-Y Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1560CT-Y
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1560CT-Y Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS1560CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1560CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS1560CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS1560CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
45
60
100
150
V
VRMS
31
42
70
105
V
VDC
45
60
100
150
V
IF(AV)
A
IRRM
1A
-
0.75
0.92
0.95
0.57
0.65
0.82
0.92
0.84
-
-
-
0.72
-
-
-
15
10
dV/dt
V/μs
TJ
OC
TSTG
OC
Document Number: DS_D1408040
Version: A14
MBRS
15150CT
TO-263AB (D
2PAK)
Storage temperature range
- 55 to +150
- 55 to +150
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
0.1
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
0.5
Typical thermal resistance
RθjC
RθjA
2
50
OC/W
Voltage rate of change (Rated VR)
10000
Operating junction temperature range
mA
5
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
Maximum instantaneous forward voltage (Note 2)
IF= 7.5 A, TJ=25
oC
IF= 7.5 A, TJ=125
oC
IF= 15 A, TJ=25
oC
IF= 15 A, TJ=125
oC
VF
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
15
A
V
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
15
Marking code
MBRS
1545CT
MBRS
1560CT
MBRS
15100CT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
MBRS
1545
CT-Y
MBRS
1560
CT-Y
MBRS
15100
CT-Y
MBRS
15150
CT-Y
Unit
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
Polarity:
As marked
Weight:
1.37 g (approximately)
MBRS1545CT-Y thru MBRS15150CT-Y
Dual Common Cathode Schottky Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Taiwan Semiconductor


Similar Part No. - MBRS1560CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1560CT TSC-MBRS1560CT Datasheet
74Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1560CT TSC-MBRS1560CT Datasheet
207Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1560CT TSC-MBRS1560CT Datasheet
157Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1560CT TSC-MBRS1560CT Datasheet
291Kb / 2P
   15.0 Ampere Surface Mount Schottky Barrier Rectiflers for PV Application
MBRS1560CT TSC-MBRS1560CT Datasheet
223Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS1560CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com