Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT5200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT5200
Description  Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT5200 Datasheet(HTML) 1 Page - Vishay Siliconix

  VT5200 Datasheet HTML 1Page - Vishay Siliconix VT5200 Datasheet HTML 2Page - Vishay Siliconix VT5200 Datasheet HTML 3Page - Vishay Siliconix VT5200 Datasheet HTML 4Page - Vishay Siliconix VT5200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VT5200, VFT5200, VBT5200, VIT5200
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
1
Document Number: 89176
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.58 V at IF = 2.5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106
(for TO-220AC, ITO-220AC and TO-262AA package)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
5.0 A
VRRM
200 V
IFSM
80 A
VF at IF = 5.0 A
0.65 V
TJ max.
150 °C
Package
TO-220AC, ITO-220AC,
TO-263AB, TO-262AA
Diode variation
Single
TMBS
®
NC
K
K
A
NC
A
K
PIN 1
CASE
PIN 2
PIN 1
PIN 2
TO-220AC
TO-263AB
TO-262AA
ITO-220AC
VT5200
VFT5200
VIT5200
VBT5200
K
HEATSINK
A
NC
NC
A
K
HEATSINK
1
2
1
2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT5200
VFT5200
VBT5200
VIT5200
UNIT
Max. repetitive peak reverse voltage
VRRM
200
V
Max. average forward rectified current (fig. 1)
IF(AV)
5.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 60 mH
EAS
30
mJ
Peak repetitive reverse current
at tp = 2 μs, 1 kHz, TJ = 38 °C ± 2 °C
IRRM
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VT5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT5200 VISHAY-VT5200 Datasheet
133Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-09
VT5200-E3 VISHAY-VT5200-E3 Datasheet
146Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Revision: 12-Dec-16
VT5200-E3-4W VISHAY-VT5200-E3-4W Datasheet
133Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-09
VT5200 VISHAY-VT5200_15 Datasheet
138Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 14-Aug-13
More results

Similar Description - VT5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT5200-E3 VISHAY-VT5200-E3 Datasheet
146Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Revision: 12-Dec-16
VT10200C-M3 VISHAY-VT10200C-M3 Datasheet
158Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Revision: 01-Dec-16
V30100PW-M3 VISHAY-V30100PW-M3_15 Datasheet
87Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 8 A
Revision: 20-Dec-13
V20M120M-E3 VISHAY-V20M120M-E3 Datasheet
98Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 5 A
Revision: 11-May-16
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 09-Sep-13
VE1045C-E3 VISHAY-VE1045C-E3 Datasheet
133Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.37 V at IF = 2.5 A
Revision: 20-Dec-13
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 22-Nov-13
VT1045C-M3 VISHAY-VT1045C-M3 Datasheet
135Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 12-May-16
VBT1045C-M3 VISHAY-VBT1045C-M3 Datasheet
102Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 30-Apr-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 11-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com