Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-6CUT04 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-6CUT04
Description  High Performance Schottky Generation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-6CUT04 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-6CUT04 Datasheet HTML 1Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 2Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 3Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 4Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 5Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 6Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 7Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 8Page - Vishay Siliconix VS-6CUT04 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-6CUT04, VS-6CWT04FN
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
2
Document Number: 94650
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 166 °C, rectangular waveform
3
A
per device
6
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
440
A
10 ms sine or 6 ms rect. pulse
70
Non-repetitive avalanche
energy per leg
EAS
TJ = 25 °C, IAS = 1.3 A, L = 16 mH
14
mJ
Repetitive avalanche current per leg
IAR
Limited by frequency of operation and time pulse duration
so that TJ < TJ max. IAS at TJ max. as a function of time pulse
(see fig. 8)
IAS at
TJ max.
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop per leg
VFM (1)
3 A
TJ = 25 °C
0.535
0.600
V
6 A
0.615
0.680
3 A
TJ = 125 °C
0.485
0.540
6 A
0.570
0.640
Reverse leakage current per leg
IRM (1)
TJ = 25 °C
VR = Rated VR
-25
μA
TJ = 125 °C
-
3
mA
Junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
240
-
pF
Series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
4.7
°C/W
Maximum thermal resistance,
junction to case per device
2.35
Typical thermal resistance,
case to heatsink
RthCS
0.3
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style I-PAK
6CUT04
Case style D-PAK
6CWT04FN


Similar Part No. - VS-6CUT04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6CUT04 VISHAY-VS-6CUT04 Datasheet
135Kb / 9P
   High Performance Schottky Generation 5.0
Revision: 03-Nov-11
VS-6CUT04 VISHAY-VS-6CUT04 Datasheet
137Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
02-Oct-12
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
02-Oct-12
More results

Similar Description - VS-6CUT04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6CWUT04 VISHAY-VS-6CWUT04 Datasheet
135Kb / 9P
   High Performance Schottky Generation 5.0
Revision: 03-Nov-11
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF Datasheet
195Kb / 10P
   High Performance Schottky Rectifier New Generation
Revision: 21-May-14
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 60 A
22-Oct-07
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
18TT045-F VISHAY-18TT045-F_V01 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com