Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2090CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR2090CT
Description  Dual Common-Cathode High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2090CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR2090CT_15 Datasheet HTML 1Page - Vishay Siliconix MBR2090CT_15 Datasheet HTML 2Page - Vishay Siliconix MBR2090CT_15 Datasheet HTML 3Page - Vishay Siliconix MBR2090CT_15 Datasheet HTML 4Page - Vishay Siliconix MBR2090CT_15 Datasheet HTML 5Page - Vishay Siliconix MBR2090CT_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR20xxxCT-E3, MBRF20xxxCT-E3, MBRB20xxxCT-E3
www.vishay.com
Vishay General Semiconductor
Revision: 11-Sep-13
2
Document Number: 89033
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward SurgeCurrent
Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MAX.
UNIT
Maximum instantaneous forward voltage
per diode
IF = 10 A
TC = 25 °C
VF (1)
0.80
V
IF = 10 A
TC = 125 °C
0.65
IF = 20 A
TC = 125 °C
0.75
Maximum reverse current per diode at working
peak reverse voltage
TJ = 25 °C
IR (2)
100
µA
TJ = 125 °C
6.0
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RJA
60
-
60
°C/W
RJC
2.0
3.5
2.0
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR20100CT-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
MBRF20100CT-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
MBRB20100CT-E3/4W
1.38
4W
50/tube
Tube
TO-263AB
MBRB20100CT-E3/8W
1.38
8W
800/reel
Tape and reel
0
4
8
12
20
0
50
100
150
16
Case Temperature (°C)
Resistive or Inductive Load
MBRF
MBR &
MBRB
40
60
100
80
140
120
160
1
100
10
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - MBR2090CT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR2090CT-1 VISHAY-MBR2090CT-1 Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
logo
Sensitron
MBR2090CT-1-G SENSITRON-MBR2090CT-1-G Datasheet
103Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR2090CT-1P VISHAY-MBR2090CT-1P Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
MBR2090CT-1P VISHAY-MBR2090CT-1P Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR2090CT-1PBF VISHAY-MBR2090CT-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
More results

Similar Description - MBR2090CT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF2090CT VISHAY-MBRF2090CT_10 Datasheet
78Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 21-Sep-10
MBR10H90CT VISHAY-MBR10H90CT Datasheet
530Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 08-Nov-07
MBR30H90PT VISHAY-MBR30H90PT Datasheet
324Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 25-Mar-08
MBR1090CT VISHAY-MBR1090CT_10 Datasheet
134Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
MBR30H90PT VISHAY-MBR30H90PT_15 Datasheet
86Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 09-Aug-13
MBR1090CT VISHAY-MBR1090CT_15 Datasheet
108Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
MBR1090CT VISHAY-MBR1090CT Datasheet
138Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 07-May-08
MBR20H150CT VISHAY-MBR20H150CT_08 Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
MBR30H90CT VISHAY-MBR30H90CT_08 Datasheet
159Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBR10H150CT KERSEMI-MBR10H150CT Datasheet
1Mb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com