Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS10H100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS10H100CT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS10H100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS10H100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS10H100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS10H100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS10H100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IRRM
A
μA
mA
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309058
Version: H13
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
10.5
Typical thermal resistance
3.5
Operating junction temperature range
- 55 to +175
Storage temperature range
- 55 to +175
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
1
Voltage rate of change (Rated VR)
10000
V
0.85
0.88
0.75
0.75
0.95
0.97
0.85
0.85
Peak repetitive reverse surge current (Note 1)
Maximum instantaneous forward voltage (Note 2)
IF= 5 A, TJ=25℃
IF= 5 A, TJ=125℃
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
VF
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
10
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum DC blocking voltage
100
150
200
Maximum average forward rectified current
10
Maximum repetitive peak reverse voltage
100
150
200
Maximum RMS voltage
70
105
140
Polarity:
As marked
Weight:
1.4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRS
10H100CT
MBRS
10H150CT
MBRS
10H200CT
Unit
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
TO-263AB (D
2PAK)
MBRS10H100CT thru MBRS10H200CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - MBRS10H100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS10H100CT TSC-MBRS10H100CT Datasheet
585Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers Switchmode Power Rectifiers
MBRS10H100CT TSC-MBRS10H100CT Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT Datasheet
257Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_13 Datasheet
257Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRS10H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com