Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1317BCS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1317BCS8
Description  Micropower, 600kHz PWM DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317BCS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1317BCS8 Datasheet HTML 6Page - Linear Technology LT1317BCS8 Datasheet HTML 7Page - Linear Technology LT1317BCS8 Datasheet HTML 8Page - Linear Technology LT1317BCS8 Datasheet HTML 9Page - Linear Technology LT1317BCS8 Datasheet HTML 10Page - Linear Technology LT1317BCS8 Datasheet HTML 11Page - Linear Technology LT1317BCS8 Datasheet HTML 12Page - Linear Technology LT1317BCS8 Datasheet HTML 13Page - Linear Technology LT1317BCS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1317/LT1317B
FREQUENCY COMPENSATION
The LT1317 has an external compensation pin (VC) which
allows the frequency response to be optimized for the
circuit configuration. In most cases, the values used in
Figure 1 will work. Some circuits may need additional
compensation and a simple trial and error method for
determining the necessary component values is given.
Figure 6 shows the test setup. A load step is applied and
the resulting output voltage waveform is observed. Fig-
ures 7 through 10 detail the response for various values of
R and C in the compensation network. The circuit of
Figure 7 starts with a large C and small R giving a highly
overdamped system. This system will always be stable but
the output voltage displays a long settling time of >5ms.
Figure 8’s circuit has reduced C giving a shorter settling
time but still overdamped. Figure 9 shows the results
when C is reduced to the point where the system becomes
underdamped. The output voltage responds quickly
(
≈200µs to 300µs) but some ringing exists. Figure 10 has
APPLICATIONS INFORMATION
optimum R and C values giving the best possible settling
time with adequate phase margin.
An additional 100pF capacitor (CC2) is connected to the VC
pin and is necessary if the LT1317 is operated near current
limit. Also, CC2 should be present when higher ESR output
capacitors are used.
Figure 6. Frequency Response Test Setup
VIN
SW
FB
LT1317
10
µH MBR0520L
SHDN
R
604k
50
VOUT
3.3V
1M
15
2W
C
CC2
100pF
1317 F06
VC
GND
VIN
2V
47
µF
47
µF
+
+
1ms/DIV
1317 F09
ILOAD
2mA TO
200mA
VOUT
100mV/DIV
AC COUPLED
1ms/DIV
1317 F10
ILOAD
2mA TO
200mA
VOUT
100mV/DIV
AC COUPLED
5ms/DIV
1317 F07
ILOAD
2mA TO
200mA
VOUT
100mV/DIV
AC COUPLED
5ms/DIV
1317 F08
ILOAD
2mA TO
200mA
VOUT
100mV/DIV
AC COUPLED
Figure 8. Reducing C to 22nF
Speeds Up the Response. (R = 33k)
Figure 10. 3.3nF and 33k Gives the
Shortest Settling Time with No Ringing.
Figure 9. Using 680pF for C Results in an
Underdamped System with Ringing. (R = 33k)
Figure 7. With C = 56nF and R = 33k,
the System is Highly Overdamped.


Similar Part No. - LT1317BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317B LINER-LT1317B Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1317B LINER-LT1317B Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results

Similar Description - LT1317BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com