Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-01CEUV3WC-3A2 Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-01CEUV3WC-3A2
Description  Lead spacing is measured where the leads emerge from the package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-01CEUV3WC-3A2 Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-01CEUV3WC-3A2 Datasheet HTML 1Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 2Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 3Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 4Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 5Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 6Page - A-BRIGHT Inc AL-01CEUV3WC-3A2 Datasheet HTML 7Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
AA---B
BBR
RRIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-01CEUV3WC-3A2
Spec No.
245
Page
2 of 7
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
MAX.
Unit
DC Forward Current
IF
700
mA
Reverse Voltage
VR
5
V
Power Disspation
PD
2.48
W
Pulse Forward Current
IFP
1000
mA
LED junction Temperature (at 350mA)
Tj
125
Thermal Resistance
Rth
10
K/W
Operating Temperature Range
Topr
-40℃ to +100
Storage Temperature Range
Tstg
-40℃ to +100
Manual Soldering Time at 260℃ (Max.)
Tsol
5
seconds


Similar Part No. - AL-01CEUV3WC-3A2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
   Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
   Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-4A2 A-BRIGHT-AL-01CEUV3WC-4A2 Datasheet
311Kb / 7P
   Specifications are subject to change without notice
More results

Similar Description - AL-01CEUV3WC-3A2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
   Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
   Lead spacing is measured where the leads emerge from the package
AL-01CEWW1WCP-A2 A-BRIGHT-AL-01CEWW1WCP-A2 Datasheet
657Kb / 11P
   Lead spacing is measured where the leads emerge from the package
logo
Feeling Technology Corp...
FS209 FEELING-FS209 Datasheet
216Kb / 12P
   The Fig 2 is the hall sensor location, where marks the IC number
FS200 FEELING-FS200 Datasheet
227Kb / 12P
   The Fig 2 is the hall sensor location, where marks the IC number
logo
List of Unclassifed Man...
FX-888D ETC1-FX-888D Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PHOENIX CONTACT
2203142 PHOENIX-2203142 Datasheet
55Kb / 2P
   Item is from the HCS product range
2202465 PHOENIX-2202465 Datasheet
42Kb / 1P
   Item is from the ME product range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com