Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10H35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR10H35
Description  Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR10H35 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR10H35 Datasheet HTML 1Page - Vishay Siliconix MBR10H35 Datasheet HTML 2Page - Vishay Siliconix MBR10H35 Datasheet HTML 3Page - Vishay Siliconix MBR10H35 Datasheet HTML 4Page - Vishay Siliconix MBR10H35 Datasheet HTML 5Page - Vishay Siliconix MBR10H35 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR(F,B)10H35 thru MBR(F,B)10H60
Vishay General Semiconductor
www.vishay.com
Document Number: 88780
Revision: 12-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
Operating junction temperature range
TJ
- 65 to + 175
°C
Storage temperature range
TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR10H35
MBR10H45
MBR10H50
MBR10H60
UNIT
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR10H35
MBR10H45
MBR10H50
MBR10H60
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
IF = 10 A
IF = 10 A
IF = 20 A
IF = 20 A
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
VF
-
0.49
-
0.62
0.63
0.55
0.75
0.68
-
0.57
-
0.68
0.71
0.61
0.85
0.71
V
Maximum instantaneous reverse current at
rated DC blocking voltage (1)
TJ = 25 °C
TJ = 125 °C
IR
-
4.0
100
12
-
2.0
100
12
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Maximum thermal resistance
RθJC
2.0
4.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR10H45-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF10H45-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB10H45-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB10H45-E3/81
1.33
81
800/reel
Tape reel
TO-220AC
MBR10H45HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF10H45HE3/45 (1)
1.94
45
50/tube
Tube
TO-263AB
MBRB10H45HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB10H45HE3/81 (1)
1.33
81
800/reel
Tape reel


Similar Part No. - MBR10H35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10H35 VISHAY-MBR10H35 Datasheet
72Kb / 3P
   Schottky Barrier Rectifiers
03-Mar-03
MBR10H35 VISHAY-MBR10H35 Datasheet
146Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBR10H35 KERSEMI-MBR10H35 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - MBR10H35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com