Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1810 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1810
Description  Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1810_15 Datasheet HTML 4Page - Linear Technology LT1810_15 Datasheet HTML 5Page - Linear Technology LT1810_15 Datasheet HTML 6Page - Linear Technology LT1810_15 Datasheet HTML 7Page - Linear Technology LT1810_15 Datasheet HTML 8Page - Linear Technology LT1810_15 Datasheet HTML 9Page - Linear Technology LT1810_15 Datasheet HTML 10Page - Linear Technology LT1810_15 Datasheet HTML 11Page - Linear Technology LT1810_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1809/LT1810
8
180910fa
The
denotes the specifications which apply over the 0°C ≤ TA ≤ 70°C
temperature range. VS = ± 5V, VSHDN = open, VCM = 0V, VOUT = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
LT1809 SO-8
VCM = V
LT1809 SO-8
VCM = V+
VCM = V
l
l
l
l
1
1
1
1
3.25
3.25
3.75
3.75
mV
mV
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V+
VCM = V
l
l
10
10
25
25
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = Vto V+
LT1809 SO-8
VCM = Vto V+
l
l
0.5
0.5
2.75
3.25
mV
mV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = Vto V+
l
1.2
6.5
mV
IB
Input Bias Current
VCM = V+ – 0.2V
l
2.5
12.5
μA
VCM = V+ 0.4V
l
–37.5
–15
μA
ΔIB
Input Bias Current Shift
VCM = V + 0.4V to V+ – 0.2V
l
17.5
50
μA
Input Bias Current Match (Channel-to-Channel)
(Note 10)
VCM = V+ – 0.2V
VCM = V+ 0.4V
l
l
0.1
0.5
6
12
μA
μA
IOS
Input Offset Current
VCM = V+ – 0.2V
VCM = V+ 0.4V
l
l
0.06
0.5
2.25
6
μA
μA
ΔIOS
Input Offset Current Shift
VCM = V+ 0.4V to V+ – 0.2V
l
0.56
8.25
μA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
VO = –2.5V to 2.5V, RL = 100Ω
l
l
27
3.5
80
10
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = Vto V+
l
69
86
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = Vto V+
l
63
86
dB
Input Common Mode Range
l
V
V+
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V= 0V
l
70
83
dB
PSRR Match (Channel-to-Channel) (Note 10)
V+ = 2.5V to 10V, V= 0V
l
64
83
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 25mA
l
l
l
20
50
210
80
160
475
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
l
l
l
60
120
370
140
240
750
mV
mV
mV
ISC
Short-Circuit Current
l
±45
±75
mA
IS
Supply Current per Amplifier
l
17.5
25
mA
Supply Current, Shutdown
VSHDN = 0.3V
l
0.6
1.5
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
420
850
μA
Output Leakage Current, Shutdown
VSHDN = 0.3V
l
3μA
VL
SHDN Pin Input Voltage Low
l
0.3
V
VH
SHDN Pin Input Voltage High
l
V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
l
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
l
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
l
85
170
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ± 4V,
Measured at VO = ±3V
l
140
300
V/μs
FPBW
Full Power Bandwidth
VOUT = 8VP-P
l
12
MHz


Similar Part No. - LT1810_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810CMS8 LINER-LT1810CMS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810CS8 LINER-LT1810CS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810IMS8 LINER-LT1810IMS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810IS8 LINER-LT1810IS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1810_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809_1 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com