Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1802 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1802
Description  Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1802 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1802_15 Datasheet HTML 7Page - Linear Technology LT1802_15 Datasheet HTML 8Page - Linear Technology LT1802_15 Datasheet HTML 9Page - Linear Technology LT1802_15 Datasheet HTML 10Page - Linear Technology LT1802_15 Datasheet HTML 11Page - Linear Technology LT1802_15 Datasheet HTML 12Page - Linear Technology LT1802_15 Datasheet HTML 13Page - Linear Technology LT1802_15 Datasheet HTML 14Page - Linear Technology LT1802_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1801/LT1802
11
18012fc
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Slew Rate vs Temperature
Gain and Phase vs Frequency
Gain vs Frequency (AV = 1)
Gain vs Frequency (AV = 2)
TOTAL SUPPLY VOLTAGE (V)
0
100
90
80
70
60
60
50
40
30
20
8
18012 G19
246
10
7
135
9
GAIN BANDWIDTH
PRODUCT
PHASE MARGIN
TA = 25°C
TEMPERATURE (°C)
–55
50
100
70
–15
25
45
125
18012 G20
80
90
60
10
20
40
50
60
30
–35
5
65
85 105
GBW PRODUCT
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
GBW PRODUCT
VS = ±5V
TEMPERATURE (°C)
–55
10
15
25
30
35
–15
25
45
125
18012 G21
20
–35
5
65
85 105
AV = –1
RF = RG = 1k
RL = 1k
VS = ±2.5V
VS = ±5V
FREQUENCY (MHz)
0.01
10
20
30
40
50
0.1
1
10
100 300
18012 G22
0
–40
–10
–20
–30
60
70
–20
0
20
40
60
–60
–80
–100
80
100
VS = ±2.5V
VS = ±5V
PHASE
GAIN
FREQUENCY (MHz)
–6
0
3
9
12
0.1
10
100
300
18012 G23
–12
1
6
–3
–9
RL = 1k
CL = 10pF
AV = 1
VS = ±5V
VS = ±2.5V
FREQUENCY (MHz)
0
6
9
15
18
0.1
10
100
300
18012 G24
–6
1
12
3
–3
RL = 1k
CL = 10pF
AV = 2
VS = ±5V
VS = ±2.5V
0.1Hz to 10Hz Input Voltage
Input Current Noise vs Frequency
FREQUENCY (kHz)
1.0
2.0
3.0
0.5
1.5
2.5
0.01
1
10
100
18012 G17
0
0.1
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
TIME (SECONDS)
0
2000
1000
0
–1000
–2000
8
18012 G18
246
10
7
135
9
VS = 5V, 0V


Similar Part No. - LT1802_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802CS LINER-LT1802CS Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1802IS LINER-LT1802IS Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1802_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com