Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT0055A Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # FT0055A
Description  Avalanche Rated N-MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0055A Datasheet(HTML) 3 Page - Solid States Devices, Inc

  FT0055A_15 Datasheet HTML 1Page - Solid States Devices, Inc FT0055A_15 Datasheet HTML 2Page - Solid States Devices, Inc FT0055A_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0055A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFR130 series
PACKAGE OUTLINE:
TO-257 (J)
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
PIN 3: GATE
PACKAGE OUTLINE:
SMD.5 (S.5)
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
PIN 3: GATE
PACKAGE OUTLINE:
Cerpack (G)
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
BOTTOM PAD: GATE


Similar Part No. - FT0055A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0055A SSDI-FT0055A Datasheet
160Kb / 3P
   RADIATION TOLERANT 30 AMP, 100 Volts, 25 m廓 Avalanche Rated N-MOSFET
FT0055A SSDI-FT0055A Datasheet
154Kb / 3P
   Avalanche Rated N-MOSFET
More results

Similar Description - FT0055A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0055A SSDI-FT0055A Datasheet
154Kb / 3P
   Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A Datasheet
154Kb / 3P
   Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A_15 Datasheet
154Kb / 3P
   Avalanche Rated N-MOSFET
FT0028 SSDI-FT0028 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0044A SSDI-FT0044A Datasheet
145Kb / 2P
   Avalanche Rated N-channel MOSFET
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
   Avalanche Rated N-channel MOSFET
SFF44N50M SSDI-SFF44N50M Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF75N10B SSDI-SFF75N10B_1 Datasheet
125Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0030 SSDI-FT0030_15 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com