Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1395 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1395
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 4 Page - Linear Technology

  LT1395_15 Datasheet HTML 1Page - Linear Technology LT1395_15 Datasheet HTML 2Page - Linear Technology LT1395_15 Datasheet HTML 3Page - Linear Technology LT1395_15 Datasheet HTML 4Page - Linear Technology LT1395_15 Datasheet HTML 5Page - Linear Technology LT1395_15 Datasheet HTML 6Page - Linear Technology LT1395_15 Datasheet HTML 7Page - Linear Technology LT1395_15 Datasheet HTML 8Page - Linear Technology LT1395_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1395/LT1396/LT1397
4
139567fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1± 10
±12
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift
15
μV/°C
IIN+
Noninverting Input Current
10
±25
±30
μA
μA
IIN–
Inverting Input Current
10
±50
±60
μA
μA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
4.5
nV/√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
6
pA/√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
25
pA/√Hz
RIN
Input Resistance
VIN = ± 3.5V
0.3
1
CIN
Input Capacitance
2.0
pF
VINH
Input Voltage Range, High
VS = ±5V
VS = 5V, 0V
3.5
4.0
4.0
V
V
VINL
Input Voltage Range, Low
VS = ± 5V
VS = 5V, 0V
–4.0
1.0
– 3.5
V
V
VOUTH
Output Voltage Swing, High
VS = ± 5V
VS = ± 5V
VS = 5V, 0V
3.9
3.7
4.2
4.2
V
V
V
VOUTL
Output Voltage Swing, Low
VS = ± 5V
VS = ± 5V
VS = 5V, 0V
–4.2
0.8
–3.9
–3.7
V
V
V
VOUTH
Output Voltage Swing, High
VS = ±5V, RL = 150Ω
VS = ±5V, RL = 150Ω
VS = 5V, 0V; RL = 150Ω
3.4
3.2
3.6
3.6
V
V
V
VOUTL
Output Voltage Swing, Low
VS = ±5V, RL = 150Ω
VS = ±5V, RL = 150Ω
VS = 5V, 0V; RL = 150Ω
–3.6
0.6
–3.4
–3.2
V
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
42
52
dB
–ICMRR
Inverting Input Current
Common Mode Rejection
VCM = ±3.5V
VCM = ±3.5V
10
16
22
μA/V
μA/V
PSRR
Power Supply Rejection Ratio
VS = ± 2V to ±5V
56
70
dB
+IPSRR
Noninverting Input Current
Power Supply Rejection
VS = ±2V to ±5V
12
3
μA/V
μA/V
–IPSRR
Inverting Input Current
Power Supply Rejection
VS = ±2V to ±5V
27
μA/V
AV
Large-Signal Voltage Gain
VOUT = ± 2V, RL = 150Ω
50
65
dB
ROL
Transimpedance, ΔVOUT/ΔIIN–
VOUT = ±2V, RL = 150Ω
40
100
IOUT
Maximum Output Current
RL = 0Ω
80
mA
IS
Supply Current per Amplifier
VOUT = 0V
4.6
6.5
mA
Disable Supply Current
EN Pin Voltage = 4.5V, RL = 150Ω
(LT1395CS6 only)
0.1
100
μA
IEN
Enable Pin Current
(LT1395CS6 only)
30
110
200
μA
μA
SR
Slew Rate (Note 7)
AV = – 1, RL = 150Ω
500
800
V/μs
The denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±5V, EN = 0.5V, pulse tested, unless otherwise noted. (Note 5)


Similar Part No. - LT1395_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
More results

Similar Description - LT1395_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
Intersil Corporation
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
   Quad Gray Scale Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com