Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30222FG Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M30222FG
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30222FG Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M30222FG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30222FG Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 237 page
background image
1-10
Under
development
Specifications in this manual are tentative and subject to change
Rev. G
Memory
MITSUBISHI MICROCOMPUTERS
M30222 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Operation of Functional Blocks
The M30222 group accommodates certain units in a single chip. These units include ROM and RAM to
store instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations.
Also included are peripheral units such as timers, serial I/O, D-A converter, DMAC, CRC calculation
circuit, A-D converter, LCD, and I/O ports. The following explains each unit.
Memory
Figure 1.5 is a memory map of the M30222 group. The linear address space of 1M bytes extends from
address 0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30222FG-XXXFP, there
is 256K bytes of internal ROM from C000016 to FFFFF16. The vector table for fixed interrupts such as the
reset and NMI are mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored
here. The address of the vector table for timer interrupts, etc., can be set as desired using the internal
register (INTB). See the section on interrupts for details.
From 0040016 up is RAM. For example, in the M30222FG-XXXFP, 20K bytes of internal RAM is mapped
to the space from 0040016 to 053FF16. In addition to storing data, the RAM also stores the stack used
when calling subroutines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Tables 1.5 to 1.9 show the
location of peripheral unit control registers. Any part of the SFR area that is not occupied is reserved and
cannot be used for other purposes.
Fig. 1.5. Memory Map
0000016
YYYYY16
FFFFF16
0040016
XXXXX16
D000016
Internal ROM area
SFR area
For details, see Tables
1.5-1.9
Internal RAM area
Internal reserved
area
C000016
053FF16
M30222MG/FG/GP
Address XXXXX16
Type No.
Address YYYYY 16
FFE0016
FFFDC16
FFFFF16
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
NMI


Similar Part No. - M30222FG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30220 MITSUBISHI-M30220 Datasheet
2Mb / 212P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30220 RENESAS-M30220 Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
E-SWITCH
M302200 E-SWITCH-M302200 Datasheet
34Kb / 1P
   All Dimension In MM
M302201 E-SWITCH-M302201 Datasheet
28Kb / 1P
   All Dimension In MM
M302202 E-SWITCH-M302202 Datasheet
35Kb / 1P
   All Dimension In MM
More results

Similar Description - M30222FG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com