Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T80E-31Y-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-T80E-31Y-XX
Description  20.30mm (0.80) Three digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T80E-31Y-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-T80E-31Y-XX Datasheet HTML 1Page - BetLux Electronics BL-T80E-31Y-XX Datasheet HTML 2Page - BetLux Electronics BL-T80E-31Y-XX Datasheet HTML 3Page - BetLux Electronics BL-T80E-31Y-XX Datasheet HTML 4Page - BetLux Electronics BL-T80E-31Y-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T80X-31
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
12g/pcs
Maximum
30pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-T80E-31Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T80E-32 BETLUX-BL-T80E-32 Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80E-32D-XX BETLUX-BL-T80E-32D-XX Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80E-32E-XX BETLUX-BL-T80E-32E-XX Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80E-32G-XX BETLUX-BL-T80E-32G-XX Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80E-32S-XX BETLUX-BL-T80E-32S-XX Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
More results

Similar Description - BL-T80E-31Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T80I-31 BETLUX-BL-T80I-31 Datasheet
335Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80A-32 BETLUX-BL-T80A-32 Datasheet
333Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80G-31 BETLUX-BL-T80G-31 Datasheet
345Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80K-31 BETLUX-BL-T80K-31 Datasheet
328Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80C-31 BETLUX-BL-T80C-31 Datasheet
340Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80C-32 BETLUX-BL-T80C-32 Datasheet
323Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80E-32 BETLUX-BL-T80E-32 Datasheet
331Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80G-32 BETLUX-BL-T80G-32 Datasheet
332Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80A-31 BETLUX-BL-T80A-31 Datasheet
308Kb / 5P
   20.30mm (0.80) Three digit Seven Segment LED display series
logo
Inolux Corporation
HNTQ80 INOLUX-HNTQ80 Datasheet
1Mb / 17P
   0.80 Four Digit Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com