Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T56U-31 Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-T56U-31
Description  14.20mm (0.56) Three digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T56U-31 Datasheet(HTML) 5 Page - BetLux Electronics

  BL-T56U-31 Datasheet HTML 1Page - BetLux Electronics BL-T56U-31 Datasheet HTML 2Page - BetLux Electronics BL-T56U-31 Datasheet HTML 3Page - BetLux Electronics BL-T56U-31 Datasheet HTML 4Page - BetLux Electronics BL-T56U-31 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T56X-31
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
5.6g/pcs
Maximum
65pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-T56U-31

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T56A-31 BETLUX-BL-T56A-31 Datasheet
317Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
BL-T56A-31D BETLUX-BL-T56A-31D Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T56A-31D-XX BETLUX-BL-T56A-31D-XX Datasheet
317Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
BL-T56A-31E BETLUX-BL-T56A-31E Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T56A-31E-XX BETLUX-BL-T56A-31E-XX Datasheet
317Kb / 5P
   14.20mm (0.56) Three digit Seven Segment LED display series
More results

Similar Description - BL-T56U-31

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T56A-34 BETLUX-BL-T56A-34 Datasheet
342Kb / 5P
   14.20mm (0.56) Three digit numeric display series
BL-D56A-25 BETLUX-BL-D56A-25 Datasheet
329Kb / 5P
   14.20mm (0.56) Dual digit numeric display series
BL-Q56A-51 BETLUX-BL-Q56A-51 Datasheet
328Kb / 5P
   14.20mm (0.56) 5 digit numeric display series
BL-S56A-16 BETLUX-BL-S56A-16 Datasheet
327Kb / 5P
   14.20mm (0.56) Single digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
logo
SunLED Corporation
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUY14A3 SUNLED-DUY14A3 Datasheet
189Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DMR14A3-A SUNLED-DMR14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUY14A3-B SUNLED-DUY14A3-B Datasheet
192Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUG14A3 SUNLED-DUG14A3 Datasheet
187Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com