Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF2060 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2060
Description  Isolated Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2060 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF2060 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
Note 1: "xx" defines voltage from 35V (MBRF2035) to 100V (MBRF20100)
PART NO.
MBRF2060
MBRF2060
MBRF2060
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309013
Version: I13
MBRF2035 thru MBRF20100
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
MBRF20xx
(Note 1)
Prefix "H"
C0
Suffix "G"
ITO-220AC
50 / Tube
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
MBRF2060 C0
C0
MBRF2060 C0G
C0
G
Green compound
MBRF2060HC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
4
8
12
16
20
24
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
25
50
75
100
125
150
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=125℃
TJ=25℃
0.01
0.1
1
10
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TJ=125℃
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
MBRF2035-2045
MBRF2050-2060
MBRF2090-20100


Similar Part No. - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2060 MOTOROLA-MBRF2060 Datasheet
84Kb / 4P
   SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF2060 TSC-MBRF2060 Datasheet
272Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2060 TSC-MBRF2060 Datasheet
149Kb / 2P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2060 LUGUANG-MBRF2060 Datasheet
214Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF2060 SAMYANG-MBRF2060 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com