Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63800-8300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63800-8300
Description  FineAdjust Applicator for Insulation OD 2.50-2.95mm Optimized for 18 AWG Only
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63800-8300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63800-8300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63902-4800
Status:
Active
Description:
FineAdjust™ Applicator for Insulation OD 2.50-2.95mm Optimized for 18 AWG Only
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
884982686601
Physical
Net Weight
4979.533/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639024800, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900DE, TM-638004900FR,
TM-638004900IT, TM-638004900JP,
TM-638004900KR, TM-638004900MY,
TM-638004900PL, TM-638004900RU,
TM-638004900SK, TM-638004900SP,
TM-638004900TH, TM-638004900TW,
TM-638004900VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63800-8300 MOLEX-63800-8300 Datasheet
74Kb / 1P
   TM-2000 Universal Press
63800-8300 MOLEX11-63800-8300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63800-8300 MOLEX11-63800-8300 Datasheet
32Kb / 1P
   FineAdjust Applicator for .070 Female Crimp Terminal
63800-8300 MOLEX11-63800-8300 Datasheet
39Kb / 1P
   FineAdjust Applicator for SCC Sealed Receptacle Terminals
63800-8300 MOLEX11-63800-8300 Datasheet
49Kb / 1P
   FineAdjust Applicator for CTX64 Mat Seal Receptacle Terminals, for Wire Process Use Only
More results

Similar Description - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639024800 MOLEX-0639024800 Datasheet
36Kb / 3P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm Optimized for 18 AWG Only
08/26/2022
0639047800 MOLEX-0639047800 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm, 18-24 AWG
08/25/2022
63900-2600 MOLEX11-63900-2600 Datasheet
50Kb / 1P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm, 18-24 AWG Wire
0639124800 MOLEX11-0639124800 Datasheet
34Kb / 1P
   T2 Terminator for insulation OD 2.50-2.95mm optimized for 18 AWG only
0639039400 MOLEX11-0639039400 Datasheet
42Kb / 1P
   FineAdjust Applicator for Insulation OD 2.20-2.45mm, Optimized for 16 AWG Only
63900-2800 MOLEX11-63900-2800 Datasheet
50Kb / 1P
   FineAdjust Applicator for Insulation OD 2.60-3.15mm Optimized for 16 AWG Only
63901-5300 MOLEX11-63901-5300 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 1.80-2.20mm Optimized for 16 AWG Only
63910-2600 MOLEX11-63910-2600 Datasheet
40Kb / 1P
   T2 Terminator for insulation OD 2.50-2.95mm - 18-24 AWG
63902-4900 MOLEX11-63902-4900 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 2.30-2.60mm - 18-24 AWG
0639048000 MOLEX-0639048000 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 1.65-2.05mm, 18-24 AWG
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com