Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF760 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF760
Description  Isolated Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF760 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF760 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF760 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF760 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF760 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
1.02
0.92
-
-
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309005
Version: I13
0.57
0.65
0.82
5
--
Storage temperature range
- 55 to +175
Typical thermal resistance
7
Operating junction temperature range
--
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
MBRF
735
MBRF
745
MBRF
750
MBRF
760
MBRF
790
MBRF
7100
Voltage rate of change (Rated VR)
10000
- 55 to +150
V
0.84
0.72
15
10
0.75
0.92
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
0.1
mA
-
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
7.5
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum instantaneous forward voltage (Note 2)
IF=7.5A, TJ=25℃
IF=7.5A, TJ=125℃
IF=15A, TJ=25℃
IF=15A, TJ=125℃
VF
1.0
0.5
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
MBRF735 thru MBRF7150
Taiwan Semiconductor
Isolated Schottky Barrier Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
15
A
Polarity:
As marked
Maximum DC blocking voltage
Maximum average forward rectified current
UNIT
MBRF
7150
MECHANICAL DATA
ITO-220AC
Case:
ITO-220AC
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL


Similar Part No. - MBRF760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF760 VISHAY-MBRF760 Datasheet
64Kb / 3P
   Schottky Barrier Rectifier
03-Mar-03
logo
General Semiconductor
MBRF760 GE-MBRF760 Datasheet
117Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF760 TSC-MBRF760 Datasheet
86Kb / 2P
   Isolation 7.5 AMPS. Schottky Barrier Rectifiers
MBRF760 TSC-MBRF760 Datasheet
192Kb / 2P
   Isolated 7.5 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF760 VISHAY-MBRF760 Datasheet
493Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
More results

Similar Description - MBRF760

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com