Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF16H45C0G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF16H45C0G
Description  Isolated Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF16H45C0G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF16H45C0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF16H45C0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF16H45C0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF16H45C0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
MBRF16H45
MBRF16H45
(TA=25℃ unless otherwise noted)
Document Number: DS_D1310009
Version: D13
50 / Tube
PACKING
RATINGS AND CHARACTERISTICS CURVES
MBRF16H45 C0
C0
MBRF16H45 C0G
C0
G
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
Green compound
DESCRIPTION
MBRF16H45
C0
Suffix "G"
ITO-220AC
MBRF16H45
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
0
4
8
12
16
20
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
0
20406080
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=125℃
TJ=25℃
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle


Similar Part No. - MBRF16H45C0G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MBRF16H45 EIC-MBRF16H45 Datasheet
110Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBRF16H45 VISHAY-MBRF16H45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
Taiwan Semiconductor Co...
MBRF16H45 TSC-MBRF16H45 Datasheet
142Kb / 2P
   16.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF16H45-E3/45 VISHAY-MBRF16H45-E3/45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
MBRF16H45HE3/45 VISHAY-MBRF16H45HE3/45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - MBRF16H45C0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com