Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF10L100CTC0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF10L100CTC0
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF10L100CTC0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF10L100CTC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF10L100CTC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF10L100CTC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF10L100CTC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
MBRF10L100CT
PART NO.
MBRF10L100CT
MBRF10L100CT
MBRF10L100CT
(TA=25℃ unless otherwise noted)
Document Number: D1308014
Version: F13
MBRF10L100CT
Taiwan Semiconductor
PACKING
Prefix "H"
Suffix "G"
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING
CODE
GREEN COMPOUND
CODE
PACKAGE
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
C0
MBRF10L100CT C0G
C0
G
Green compound
MBRF10L100CTHC0
H
C0
AEC-Q101 qualified
C0
ITO-220AB
50 / Tube
MBRF10L100CT C0
0
5
10
15
0
25
50
75
100
125
150
175
CASE TEMPERATURE (℃)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
1000
10000
10
20
30
40
50
60
70
80
90
100
PERCENT OF VR (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=125℃
TJ=25℃


Similar Part No. - MBRF10L100CTC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10L100CT TSC-MBRF10L100CT Datasheet
185Kb / 2P
   10.0AMPS Isolated Low VF Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
MBRF10L100CT SUNMATE-MBRF10L100CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
   10A Trench Schottky Rectifier
More results

Similar Description - MBRF10L100CTC0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com