Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1635 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1635
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1635 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR1635 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1635 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR1635 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR1635 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBR1660
MBR1660
MBR1660
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308053
Version: J13
MBR16xx
(Note 1)
Prefix "H"
C0
Suffix "G"
TO-220AC
RATINGS AND CHARACTERISTICS CURVES
MBR1660 C0G
C0
G
C0
Green compound
MBR1660HC0
H
C0
AEC-Q101 qualified
MBR1635 thru MBR16150
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
Note 1: "xx" defines voltage from 35V (MBR1635) to 150V (MBR16150)
EXAMPLE
50 / Tube
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
MBR1660 C0
0
4
8
12
16
20
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
50
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TJ=125℃
TJ=25℃
MBR1635-MBR1645
MBR1650-MBR16150
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=125℃
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
MBR1635-MBR1645
MBR1650-MBR1660
MBR1690-MBR16150


Similar Part No. - MBR1635

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MBR1635 ISC-MBR1635 Datasheet
225Kb / 2P
   Schottky Barrier Rectifier
logo
Motorola, Inc
MBR1635 MOTOROLA-MBR1635 Datasheet
80Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR1635 VISHAY-MBR1635 Datasheet
487Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Kersemi Electronic Co.,...
MBR1635 KERSEMI-MBR1635 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
More results

Similar Description - MBR1635

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com