Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1229 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1229
Description  Dual and Quad 100MHz Current Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1229 Datasheet(HTML) 4 Page - Linear Technology

  LT1229 Datasheet HTML 1Page - Linear Technology LT1229 Datasheet HTML 2Page - Linear Technology LT1229 Datasheet HTML 3Page - Linear Technology LT1229 Datasheet HTML 4Page - Linear Technology LT1229 Datasheet HTML 5Page - Linear Technology LT1229 Datasheet HTML 6Page - Linear Technology LT1229 Datasheet HTML 7Page - Linear Technology LT1229 Datasheet HTML 8Page - Linear Technology LT1229 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1229/LT1230
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Gain and Phase vs
– 3dB Bandwidth vs Supply
– 3dB Bandwidth vs Supply
Frequency, Gain = 40dB
Voltage, Gain = 100, RL = 100Ω
Voltage, Gain = 100, RL = 1kΩ
Voltage Gain and Phase vs
– 3dB Bandwidth vs Supply
– 3dB Bandwidth vs Supply
Frequency, Gain = 20dB
Voltage, Gain = 10, RL = 100Ω
Voltage, Gain = 10, RL = 1k
Voltage Gain and Phase vs
– 3dB Bandwidth vs Supply
– 3dB Bandwidth vs Supply
Frequency, Gain = 6dB
Voltage, Gain = 2, RL = 100Ω
Voltage, Gain = 2, RL = 1k
SUPPLY VOLTAGE (±V)
2
40
100
120
12
16
LT1229 • TPC05
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 250Ω
SUPPLY VOLTAGE (±V)
2
40
100
120
12
16
LT1229 • TPC06
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 250Ω
SUPPLY VOLTAGE (±V)
2
4
10
12
12
16
LT1229 • TPC08
4
06
8
10
14
18
0
2
6
14
16
18
RF = 500Ω
8
RF = 1k
RF = 2k
SUPPLY VOLTAGE (±V)
2
4
10
12
12
16
LT1229 • TPC09
4
06
8
10
14
18
0
2
6
14
16
18
RF = 500Ω
8
RF = 1k
RF = 2k
FREQUENCY (MHz)
0
2
4
6
8
0.1
10
100
LT1229 • TPC01
–2
1
7
5
3
1
–1
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω
SUPPLY VOLTAGE (±V)
2
40
100
120
12
16
LT1229 • TPC02
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
SUPPLY VOLTAGE (±V)
2
40
100
120
12
16
LT1229 • TPC03
4
06
8
10
14
18
0
20
60
140
160
180
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 500Ω
FREQUENCY (MHz)
14
16
18
20
22
0.1
10
100
LT1229 • TPC04
12
1
21
19
17
15
13
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω
FREQUENCY (MHz)
34
36
38
40
42
0.1
10
100
LT1229 • TPC07
32
1
41
39
37
35
33
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω


Similar Part No. - LT1229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results

Similar Description - LT1229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com