Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1216CN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1216CN
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CN Datasheet(HTML) 1 Page - Linear Technology

  LT1216CN Datasheet HTML 1Page - Linear Technology LT1216CN Datasheet HTML 2Page - Linear Technology LT1216CN Datasheet HTML 3Page - Linear Technology LT1216CN Datasheet HTML 4Page - Linear Technology LT1216CN Datasheet HTML 5Page - Linear Technology LT1216CN Datasheet HTML 6Page - Linear Technology LT1216CN Datasheet HTML 7Page - Linear Technology LT1216CN Datasheet HTML 8Page - Linear Technology LT1216CN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1215/LT1216
23MHz, 50V/
µs, Single Supply
Dual and Quad
Precision Op Amps
s
Slew Rate: 50V/
µs Typ
s
Gain-Bandwidth Product: 23MHz Typ
s
Fast Settling to 0.01%
2V Step to 200
µV: 250ns Typ
10V Step to 1mV: 480ns Typ
s
Excellent DC Precision in All Packages
Input Offset Voltage: 450
µV Max
Input Offset Voltage Drift: 10
µV/°C Max
Input Offset Current: 120nA Max
Input Bias Current: 600nA Max
Open-Loop Gain: 1000V/mV Min
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground While Sinking Current
s
Low Input Noise Voltage: 12.5nV/
√Hz Typ
s
Low Input Noise Current: 0.5pA/
√Hz Typ
s
Specified on 3.3V, 5V and
±15V
s
Large Output Drive Current: 30mA Min
s
Low Supply Current per Amplifier: 6.6mA Max
s
Dual in 8-Pin DIP and SO-8
s
Quad in 14-Pin DIP and NARROW SO-16
The LT
®1215 is a dual, single supply precision op amp with
a 23MHz gain-bandwidth product and a 50V/
µs slew rate.
The LT1216 is a quad version of the same amplifier. The
DC precision of the LT1215/LT1216 eliminates trims in
most systems while providing high frequency perfor-
mance not usually found in single supply amplifiers.
The LT1215/LT1216 will operate on any supply greater
than 2.5V and less than 36V total. These amplifiers are
specified on single 3.3V, single 5V and
±15V supplies, and
only require 5mA of quiescent supply current per ampli-
fier. The inputs can be driven beyond the supplies without
damage or phase reversal of the output. The minimum
output drive is 30mA, ideal for driving low impedance
loads.
s
2.5V Full-Scale 12-Bit Systems: VOS ≤ 0.75 LSB
s
10V Full-Scale 16-Bit Systems: VOS ≤ 3 LSB
s
Active Filters
s
Photo Diode Amplifiers
s
DAC Current to Voltage Amplifiers
s
Battery-Powered Systems
Single Supply Instrumentation Amplifier
Frequency Response
FREQUENCY (Hz)
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
1k
100k
1M
10M
1215/16 TA02
10k
DIFFERENTIAL INPUT
COMMON MODE INPUT
+
VIN
5V
1/2
LT1215
113
VOUT
1215/16 TA01
0.1
µF
+
113
1020
VIN
+
1020
1/2
LT1215
NOTE:
0.1% RESISTORS GIVE CMRR
≥ 68dB.
GAIN IS 10.0V/V.
COMMON MODE INPUT RANGE
IS FROM 0.3V TO 3.0V.
BANDWIDTH IS 2.8MHz.
Note: For applications requiring less slew rate, see the LT1211/LT1212 and
LT1213/LT1214 data sheets.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1216CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1216 LINER-LT1216_15 Datasheet
344Kb / 20P
   23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
More results

Similar Description - LT1216CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1216 LINER-LT1216_15 Datasheet
344Kb / 20P
   23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215_15 Datasheet
344Kb / 20P
   23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
LT1211 LINER-LT1211 Datasheet
336Kb / 20P
   14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
   5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com