Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS4448 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LS4448
Description  500mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LS4448 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LS4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LS4448 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LS4448 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LS4448 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.45
0.008
0.018
D
A
B
C
D
Document Number: DS_S1501008
Version: E15
5.00
0.197
ORDER INFORMATION (EXAMPLE)
Typ. 1.8
Typ. 0.071
1.25
0.049
2.00
0.079
2.50
0.098
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
LS4148/LS4448/LS914B
Taiwan Semiconductor
Small Signal Product
LS4148 L0G
Green compound code
Packing code
Part no.
C
B
A
D


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
SUNMATE electronic Co.,...
LS4448 SUNMATE-LS4448 Datasheet
120Kb / 2P
   150mA Surface Mount Fast Switching Diode
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
   Surface Mount Small Signal Diodes
LS4448 DIOTEC-LS4448 Datasheet
143Kb / 2P
   Small Signal SMD Switching Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_09 Datasheet
106Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com