Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-MBR360 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-MBR360
Description  Schottky Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-MBR360 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-MBR360 Datasheet HTML 1Page - Vishay Siliconix VS-MBR360 Datasheet HTML 2Page - Vishay Siliconix VS-MBR360 Datasheet HTML 3Page - Vishay Siliconix VS-MBR360 Datasheet HTML 4Page - Vishay Siliconix VS-MBR360 Datasheet HTML 5Page - Vishay Siliconix VS-MBR360 Datasheet HTML 6Page - Vishay Siliconix VS-MBR360 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-MBR350 (-M3), VS-MBR360 (-M3)
www.vishay.com
Vishay Semiconductors
Revision: 13-Oct-11
1
Document Number: 93450
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 3 A
FEATURES
• Low profile, axial leaded outline
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Designed and qualified for commercial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-MBR350..., VS-MBR360... axial leaded Schottky
rectifier has been optimized for very low forward voltage
drop, with moderate leakage. Typical applications are in
switching power supplies, converters, freewheeling diodes,
and reverse battery protection.
PRODUCT SUMMARY
Package
DO-201AD (C-16)
IF(AV)
3 A
VR
50 V, 60 V
VF at IF
0.64 V
IRM max.
15 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
5.0 mJ
Cathode
Anode
C-16
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
50/60
V
IFSM
tp = 5 μs sine
460
A
VF
3 Apk, TJ = 25 °C
0.73
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBR350
VS-MBR350-M3
VS-MBR360
VS-MBR360-M3
UNITS
Maximum DC reverse voltage
VR
50
50
60
60
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 50 °C, rectangular waveform
3.0
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
460
10 ms sine or 6 ms rect. pulse
80
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 10 mH
5.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by, TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - VS-MBR360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR360 VISHAY-VS-MBR360 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
VS-MBR360-M3 VISHAY-VS-MBR360-M3 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
VS-MBR360M3 VISHAY-VS-MBR360M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results

Similar Description - VS-MBR360

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com