Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-40L45CW-N3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-40L45CW-N3
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-40L45CW-N3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-40L45CW-N3 Datasheet HTML 1Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 2Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 3Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 4Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 5Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 6Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 7Page - Vishay Siliconix VS-40L45CW-N3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - VS-40L45CW-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40L45CW-N3 VISHAY-VS-40L45CW-N3 Datasheet
583Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results

Similar Description - VS-40L45CW-N3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com