Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-113CNQ100APBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-113CNQ100APBF
Description  High Performance Schottky Rectifier New Generation 3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-113CNQ100APBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-113CNQ100APBF Datasheet HTML 1Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 2Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 3Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 4Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 5Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 6Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 7Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 8Page - Vishay Siliconix VS-113CNQ100APBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VS-113CNQ100APbF Series
www.vishay.com
Vishay Semiconductors
Revision: 23-May-14
1
Document Number: 94125
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier New Generation 3
D-61 Package, 2 x 55 A
FEATURES
• 175 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• High power discrete
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• New fully transfer-mold low profile, small footprint, high
current package
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
DESCRIPTION
The center tap Schottky rectifier module series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 175 °C junction temperature. Typical applications are
in switching power supplies, converters, freewheeling
diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
D-61-8, D-61-8-SM, D-61-8-SL
IF(AV)
2 x 55 A
VR
100 V
VF at IF
0.81 V
IRM max.
32 mA at 125 °C
TJ max.
175 °C
Diode variation
Common cathode
EAS
15 mJ
Base
common
cathode
Base
common
cathode
Common
cathode
Anode
2
Anode
1
12
3
Common
cathode
Anode
2
Anode
1
12
3
Anode
2
Anode
1
13
D-61-8
VS-113CNQ100APbF
VS-113CNQ100ASMPbF
D-61-8-SM
VS-113CNQ100ASLPbF
D-61-8-SL
Available
Available
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
110
A
VRRM
100
V
IFSM
tp = 5 μs sine
7000
A
VF
55 Apk, TJ = 125 °C (per leg)
0.66
V
TJ
Range
-55 to +175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-113CNQ100APbF
UNITS
Maximum DC reverse voltage
VR
100
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VS-113CNQ100APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-113CNQ100A VISHAY-VS-113CNQ100A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results

Similar Description - VS-113CNQ100APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF Datasheet
195Kb / 10P
   High Performance Schottky Rectifier New Generation
Revision: 21-May-14
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 23-May-14
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-80CNQ035APBF VISHAY-VS-80CNQ035APBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-111CNQ045APBF VISHAY-VS-111CNQ045APBF_17 Datasheet
933Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 07-Feb-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3,D-61 Package, 2 x 55 A
Revision: 23-May-14
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Vishay Siliconix
VS-6CUT04 VISHAY-VS-6CUT04_15 Datasheet
146Kb / 9P
   High Performance Schottky Generation
Revision: 03-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com