Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-6CWT04FN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-6CWT04FN
Description  High Performance Schottky Generation 5.0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-6CWT04FN Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-6CWT04FN Datasheet HTML 1Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 2Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 3Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 4Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 5Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 6Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 7Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 8Page - Vishay Siliconix VS-6CWT04FN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-6CUT04, VS-6CWT04FN
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
4
Document Number: 94650
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
0
1
2
3
4
5
145
150
155
160
165
170
175
180
DC
Square wave (D = 0.50)
80 % rated V
r applied
see note
(1)
IF(AV) - Average Forward Current (A)
Average Forward Current - IF(AV) (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
DC
RMS Limit
D = 3/4
D = 1/2
D = 1/3
D = 1/4
D = 1/5
tp - Square Wave Pulse Duration (µs)
10
100
1000
10
100
1000
10 000


Similar Part No. - VS-6CWT04FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6CWT04FN VISHAY-VS-6CWT04FN Datasheet
146Kb / 9P
   High Performance Schottky Generation
Revision: 03-Nov-11
VS-6CWT04FN VISHAY-VS-6CWT04FN Datasheet
137Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
02-Oct-12
More results

Similar Description - VS-6CWT04FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 60 A
22-Oct-07
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
18TT045-F VISHAY-18TT045-F_V01 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
02-Oct-12
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
Revision: 01-Apr-09
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 15 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com