Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU406G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU406G
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU406G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU406G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU406G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd KBU406G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd KBU406G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- High case dielectric strength
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2t
A
2s
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1409010
Version: H14
Typical thermal resistance
RθJC
RθJA
4
19
OC/W
Unit
Typical junction capacitance per leg
240
Maximum instantaneous forward voltage (Note 1)
IF= 2A
IF= 4A
VF
1.0
1.1
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Measured at 1MHz and applied Reverse Voltage of 4.0V D.C.
V
Maximum DC reverse current
TJ=25
oC
at rated DC blocking voltage
TJ=125
oC
IR
5
500
μA
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Rating for fusing (t<8.3ms)
93
Maximum average forward rectified current
4
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Weight:
7.2 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
SYMBOL
KBU
406G
KBU
407G
PARAMETER
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
KBU
MECHANICAL DATA
Case:
KBU
Maximum DC blocking voltage
Mounting torque:
0.56 Nm max.
KBU401G thru KBU407G
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
KBU
401G
KBU
402G
KBU
403G
KBU
404G
KBU
405G


Similar Part No. - KBU406G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU406G WTE-KBU406G Datasheet
42Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBU406G WTE-KBU406G Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU406G TSC-KBU406G Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU406G TSC-KBU406G Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
KBU406G TSC-KBU406G Datasheet
514Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU406G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com