Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1211I Datasheet(PDF) 6 Page - Linear Technology

Part # LT1211I
Description  14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1211I Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1211I Datasheet HTML 2Page - Linear Technology LT1211I Datasheet HTML 3Page - Linear Technology LT1211I Datasheet HTML 4Page - Linear Technology LT1211I Datasheet HTML 5Page - Linear Technology LT1211I Datasheet HTML 6Page - Linear Technology LT1211I Datasheet HTML 7Page - Linear Technology LT1211I Datasheet HTML 8Page - Linear Technology LT1211I Datasheet HTML 9Page - Linear Technology LT1211I Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1211/LT1212
VS = ±15V, VCM = 0V, VOUT = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
+
–15V ELECTRICAL C
C
HARA TERISTICS
LT1211AM
LT1211M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
500
300
800
µV
∆VOS
Input Offset Voltage Drift
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
IOS
Input Offset Current
10
40
10
60
nA
IB
Input Bias Current
55
110
60
140
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.6
–14.8
–14.6
–14.8
V
CMRR
Common-Mode Rejection Ratio
VCM = – 14.6V to 13.1V
87
103
81
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V
87
111
84
107
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
800
1500
800
1500
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 10mA
13.6
13.8
13.6
13.8
V
Output Low, ISINK = 10mA
–14.3
–14.5
–14.3
–14.5
V
IS
Supply Current per Amplifier
0.5
2.3
3.4
0.5
2.3
3.4
mA
LT1211C/LT1212C
LT1211AC
LT1211I/LT1212I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
175
450
250
700
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
25
10
40
nA
IB
Input Bias Current
55
100
60
130
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.8
–15.0
–14.8
–15.0
V
CMRR
Common-Mode Rejection Ratio
VCM = – 14.8V to 13.1V
88
103
84
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
88
111
85
107
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
3000
1000
3000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 10mA
13.7
13.9
13.7
13.9
V
Output Low, ISINK = 10mA
– 14.5
– 14.7
– 14.5
– 14.7
V
IS
Supply Current per Amplifier
0.7
2.2
3.0
0.7
2.2
3.0
mA
LT1211AC
LT1211C/LT1212C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
150
425
200
650
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
20
10
35
nA
IB
Input Bias Current
55
100
60
125
nA
Input Voltage Range
13.4
13.5
13.4
13.5
V
–14.9
–15.1
–14.9
–15.1
V
CMRR
Common-Mode Rejection Ratio
VCM = –14.9V to 13.4V
89
104
85
101
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
89
112
86
108
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
3500
1000
3500
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 10mA
13.8
14.0
13.8
14.0
V
Output Low, ISINK = 10mA
– 14.5
– 14.7
– 14.5
– 14.7
V
IS
Supply Current per Amplifier
0.8
2.1
2.9
0.8
2.1
2.9
mA
VS = ±15V, VCM = 0V, VOUT = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
VS = ±15V, VCM = 0V, VOUT = 0V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 5)


Similar Part No. - LT1211I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
More results

Similar Description - LT1211I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1212 LINER-LT1212_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215 Datasheet
363Kb / 20P
   23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
   5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com