Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75236 Datasheet(PDF) 9 Page - NEC

Part # UPD75236
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75236 Datasheet(HTML) 9 Page - NEC

Back Button UPD75236 Datasheet HTML 5Page - NEC UPD75236 Datasheet HTML 6Page - NEC UPD75236 Datasheet HTML 7Page - NEC UPD75236 Datasheet HTML 8Page - NEC UPD75236 Datasheet HTML 9Page - NEC UPD75236 Datasheet HTML 10Page - NEC UPD75236 Datasheet HTML 11Page - NEC UPD75236 Datasheet HTML 12Page - NEC UPD75236 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 190 page
background image
9
µPD75236
1.2
NON-PORT PINS (1/2)
Pin Name
I/O
Dual-
Function Pin
Input / Output
Circuit Type *
T0 to T9
T10/S15 to
T13/S12
T14/S11
T15/S10
S0 to S3
S4 to S7
S8
S9
S16 to S19
S20 to S23
TI0
PTO0
PCL
BUZ
SCK0
SO0/SB0
SI0/SB1
Function
After Reset
Segment high-voltage output
pins.
These pins can be used as
PORT12 to PORT14 in the static
mode.
Output
I – C
I – F
VLOAD level
(when a
pull-down
resistor to
VLOAD is
incorpo-
rated), VSS
level (when
a pull-down
resistor to
VSS is
incorpo-
rated) or
high
impedance
Segment high-voltage output
pins.
These pins can be used as
PORT10 and PORT11 in the
static mode.
PH3/P153 to
PH0/P150
P143
P142
P120 to
P123
P130 to
P133
P140
P141
P100 to P103
P110 to P113
P13
P20
P22
P23
P01
P02
P03
FIP controller/driver
output pins.
Pull-down resistor can
be incorporated in bit
units (mask option).
Digit/segment output dual-func-
tion high-voltage high-current
output pins. Extra pins can be
used as PORTH. These pins can
be used as PORT15 in the static
mode.
Digit output high-voltage high-
current output pins.
Digit/segment output dual-func-
tion high-voltage high-current
output pins. These pins can be
used as POTR14 in the static
mode.
VLOAD level
(when a
pull-down
resistor to
VLOAD is
incorpo-
rated) or
high
impedance.
Clock output pin
Fixed frequency output pin (for buzzer or system clock
trimming)
Input/
output
Input/
output
Serial clock input/output pin
Serial data output pin
Serial bus input/output pin.
Input/
output
Serial data input pin
Serial bus input/output pin.
Timer/event counter output pin
Output
Output
External event pulse input pin to timer/event counter #0
and event counter #1.
Input
Input
Input
Input
Input
Input
Input
B – C
E – B
E – B
E – B
F – A
F – B
M – C
*
Schmitt trigger inputs are circled.
Output


Similar Part No. - UPD75236

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75236 RENESAS-UPD75236 Datasheet
1Mb / 192P
   MOS INTEGRATED CIRCUIT
1992
UPD75236GJ-XXX-5BG RENESAS-UPD75236GJ-XXX-5BG Datasheet
1Mb / 192P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75236

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com