Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGFR411-H Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # YGFR411-H
Description  Small size suitable for compact appliances
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

YGFR411-H Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button YGFR411-H Datasheet HTML 3Page - Seoul Semiconductor YGFR411-H Datasheet HTML 4Page - Seoul Semiconductor YGFR411-H Datasheet HTML 5Page - Seoul Semiconductor YGFR411-H Datasheet HTML 6Page - Seoul Semiconductor YGFR411-H Datasheet HTML 7Page - Seoul Semiconductor YGFR411-H Datasheet HTML 8Page - Seoul Semiconductor YGFR411-H Datasheet HTML 9Page - Seoul Semiconductor YGFR411-H Datasheet HTML 10Page - Seoul Semiconductor YGFR411-H Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 03
Rev. 03
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
5. Reliability Test
0/22
1 time
85
℃, 85% 24hrs
Reflow 3 times
(Max 260
℃ 10sec)
Thermal shock
30 cycle
Thermal
resistance
Test
0/22
500 hrs
20mA, @60
℃,90%
Operating at High
temperature
/ High humidity
0/22
500 hrs
20mA, @85
Operating at High
temperature
0/22
100 cycle
-40~85
℃ Shift (2hr/cycle)
Thermal shock
test
0/22
500 hrs
20mA, @25
Operating at
Room
temperature
Number Of
Damaged
Duration
/ Cycle
Test Conditions
Item
*Criterion
Initial value ± 0.1V
V
F
> Initial value * 0.5
Iv
OK
MSL : 2a (30
℃, 60% : 4 weeks)


Similar Part No. - YGFR411-H

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
More results

Similar Description - YGFR411-H

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
UR202 SEOUL-UR202 Datasheet
276Kb / 13P
   Small size suitable for compact appliances
WH104-LC SEOUL-WH104-LC Datasheet
1Mb / 13P
   Small size suitable for compact appliances.
TWH104-HL SEOUL-TWH104-HL Datasheet
317Kb / 13P
   Small size suitable for compact appliances
NB104 SEOUL-NB104_12 Datasheet
280Kb / 13P
   Small size suitable for compact appliances
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
YG101 SEOUL-YG101 Datasheet
284Kb / 13P
   Small size suitable for compact appliances.
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
UY101-IE1 SEOUL-UY101-IE1 Datasheet
284Kb / 13P
   Small size suitable for compact appliances
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com